Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSZ122M25V125x25F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRSZ122M25V125x25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZ122M25V125x25F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRSZ122M25V125x25F Datasheet HTML 1Page - NIC-Components Corp. NRSZ122M25V125x25F Datasheet HTML 2Page - NIC-Components Corp. NRSZ122M25V125x25F Datasheet HTML 3Page - NIC-Components Corp. NRSZ122M25V125x25F Datasheet HTML 4Page - NIC-Components Corp. NRSZ122M25V125x25F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
Miniature Aluminum Electrolytic Capacitors
NRSZ Series
Size (D
∅xL)
Tape and Box*
NRSZ 102 M 35V 12.5x25
Series
TB
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
PART NUMBERING SYSTEM
*see tape specification for details
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Max.
Tan
δ
Max. LC
(
μA)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
Load Life Hours
@ +105°C
100KHz/20°C 100KHz/-10°C
NRSZ180M63V5x11F
18
63
0.08
7.6
1.6
3.2
140
2,500
NRSZ330M63V6.3x11F
33
0.08
17.0
0.90
1.8
200
3,000
NRSZ390M63V6.3x11F
39
0.08
24.6
0.90
1.8
200
2,000
NRSZ470M63V8x11.5F
47
0.08
29.6
0.52
1.04
275
3,500
NRSZ560M63V8x11.5F
56
0.08
35.3
0.52
1.04
275
3,500
NRSZ680M63V8x11.5F
68
0.08
42.8
0.52
1.04
275
3,500
NRSZ820M63V8x15F
82
0.08
51.7
0.34
0.68
360
4,500
NRSZ101M63V10x12.5F
100
0.08
63.0
0.26
0.52
420
5,000
NRSZ121M63V8x20F
120
0.08
75.6
0.21
0.42
510
4,500
NRSZ121M63V10x12.5F
0.08
75.6
0.26
0.52
420
5,000
NRSZ151M63V8x20F
150
0.08
94.5
0.18
0.36
690
2,000
NRSZ151M63V10x16F
0.08
91.5
0.20
0.40
525
5,000
NRSZ221M63V10x20F
220
0.08
138
0.15
0.30
765
5,000
NRSZ271M63V10x22F
270
0.08
170
0.12
0.24
840
5,000
NRSZ331M63V12.5x20F
330
0.08
208
0.10
0.20
960
7,000
NRSZ391M63V12.5x25F
390
0.08
245
0.064
0.13
1200
7,000
NRSZ471M63V12.5x25F
470
0.08
296
0.064
0.13
1200
7,000
NRSZ681M63V16x25F
680
0.08
428
0.052
0.11
1500
10,000
NRSZ102M63V16x31.5F
1000
0.08
630
0.042
0.09
1750
10,000
NRSZ5R6M100V5x11F
5.6
100
0.07
5.6
2.7
5.4
120
2,500
NRSZ100M100V6.3x11F
10
0.07
10
1.4
2.8
120
3,000
NRSZ120M100V6.3x11F
12
0.07
12
1.4
2.8
170
3,000
NRSZ150M100V8x11.5F
15
0.07
15
0.81
1.62
230
3,500
NRSZ220M100V8x11.5F
22
0.07
22
0.81
1.62
230
3,500
NRSZ270M100V8x15F
27
0.07
27
0.64
1.3
295
4,500
NRSZ390M100V8x20F
39
0.07
39
0.36
0.72
400
4,500
NRSZ470M100V10x16F
47
0.07
47
0.35
0.70
420
5,000
NRSZ680M100V10x20F
68
0.07
68
0.24
0.48
630
5,000
NRSZ101M100V12.5x20F
100
0.07
100
0.15
0.30
800
7,000
NRSZ151M100V12.5x25F
150
0.07
150
0.11
0.22
920
7,000
NRSZ221M100V16x25F
220
0.07
220
0.071
0.15
1100
10,000
NRSZ331M100V16x31.5F
330
0.07
330
0.049
0.10
1490
10,000
NRSZ391M100V16x35.5F
390
0.07
390
0.043
0.09
1630
10,000
NRSZ471M100V18x35.5F
470
0.07
470
0.038
0.08
1700
10,000


Similar Part No. - NRSZ122M25V125x25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSZ122M6.3V10X12.5TBF NIC-NRSZ122M6.3V10X12.5TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ122M6.3V10X20TBF NIC-NRSZ122M6.3V10X20TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ122M6.3V12.5X20TBF NIC-NRSZ122M6.3V12.5X20TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ122M6.3V16X25TBF NIC-NRSZ122M6.3V16X25TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ122M6.3V5X11TBF NIC-NRSZ122M6.3V5X11TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSZ122M25V125x25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com