Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLMW471M250V25X45F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLMW471M250V25X45F
Description  Large Can Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLMW471M250V25X45F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLMW471M250V25X45F Datasheet HTML 1Page - NIC-Components Corp. NRLMW471M250V25X45F Datasheet HTML 2Page - NIC-Components Corp. NRLMW471M250V25X45F Datasheet HTML 3Page - NIC-Components Corp. NRLMW471M250V25X45F Datasheet HTML 4Page - NIC-Components Corp. NRLMW471M250V25X45F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap
(
μF)
W.V.
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLMW222M50V22X30F
2,200
50
22x30
0.105
0.079
1.70
1.96
NRLMW332M50V25X30F
3,300
25x30
0.070
0.053
2.00
2.30
NRLMW472M50V25X40F
4,700
25x40
0.053
0.040
2.50
2.88
NRLMW472M50V30X30F
30x30
NRLMW472M50V35X25F
35x25
NRLMW562M50V25X50F
6,800
25x50
0.046
0.035
3.30
3.80
NRLMW562M50V30X40F
30x40
NRLMW562M50V35X30F
35x30
NRLMW822M50V30X45F
8,200
30x45
0.038
0.029
3.60
4.14
NRLMW822M50V35X35F
35x35
NRLMW103M50V30X50F
10,000
30x50
0.033
0.025
4.00
4.60
NRLMW103M50V35X40F
35x40
NRLMW153M50V35X50F 15,000
35x50
0.022
0.018
4.80
5.52
NRLMW152M63V22X30F
1,500
63
22x30
0.188
0.141
1.50
1.73
NRLMW222M63V25X30F
2,200
25x30
0.128
0.096
2.00
2.30
NRLMW332M63V25X40F
3,300
25x40
0.090
0.068
2.50
2.88
NRLMW332M63V30X30F
30x30
NRLMW332M63V35X25F
35x25
NRLMW472M63V25X50F
4,700
25x50
0.063
0.048
3.00
3.45
NRLMW472M63V30X30F
30x40
NRLMW472M63V35X30F
35x30
NRLMW682M63V30X50F
6,800
30x50
0.049
0.037
3.60
4.14
NRLMW682M63V35X40F
35x40
NRLMW822M63V35X45F
8,200
35x45
0.040
0.030
3.90
4.49
NRLMW103M63V35X50F 10,000
35x50
0.033
0.028
4.40
5.06
NRLMW102M80V25X25F
1,000
80
25x25
0.182
0.119
1.30
1.50
NRLMW152M80V25X30F
1,500
25x30
0.133
0.093
1.70
1.96
NRLMW222M80V25X35F
2,200
25x35
0.090
0.063
2.10
2.42
NRLMW222M80V30X30F
30x30
NRLMW222M80V35X25F
35x25
NRLMW332M80V25X50F
3,300
25x50
0.065
0.049
2.60
2.99
NRLMW332M80V30X40F
30x40
NRLMW332M80V35X30F
35x30
NRLMW472M80V30X50F
4,700
30x50
0.049
0.037
2.60
2.99
NRLMW472M80V35X40F
35x40
NRLMW682M80V35X50F
6,800
35x50
0.041
0.031
3.90
4.49
NRLMW821M100V25X25F
820
100
25x25
0.202
0.121
1.40
2.10
NRLMW102M100V25X30F 1,000
25x30
0.182
0.109
1.70
2.55
NRLMW152M100V25X40F
1,500
25x40
0.122
0.079
2.10
3.15
NRLMW152M100V30X30F
30x30
NRLMW152M100V35X25F
35x25
NRLMW222M100V25X50F
2,200
25x50
0.090
0.059
2.60
3.90
NRLMW222M100V30X40F
30x40
NRLMW222M100V35X30F
35x30
NRLMW332M100V30X30F
3,300
30x50
0.075
0.053
3.20
4.80
NRLMW332M100V35X40F
35x40
NRLMW472M100V35X50F 4,700
35x50
0.053
0.040
3.80
5.70
Large Can Aluminum Electrolytic Capacitors
NRLMW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLMW471M250V25X45F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLMW472M100V20X25F NIC-NRLMW472M100V20X25F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW472M100V20X30F NIC-NRLMW472M100V20X30F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW472M100V20X35F NIC-NRLMW472M100V20X35F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW472M100V20X40F NIC-NRLMW472M100V20X40F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW472M100V22X30F NIC-NRLMW472M100V22X30F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLMW471M250V25X45F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com