Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W42C31 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W42C31
Description  Spread Spectrum Frequency Timing Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W42C31 Datasheet(HTML) 5 Page - Cypress Semiconductor

  W42C31 Datasheet HTML 1Page - Cypress Semiconductor W42C31 Datasheet HTML 2Page - Cypress Semiconductor W42C31 Datasheet HTML 3Page - Cypress Semiconductor W42C31 Datasheet HTML 4Page - Cypress Semiconductor W42C31 Datasheet HTML 5Page - Cypress Semiconductor W42C31 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
W42C31-04
5
Application Information
Recommended Circuit Configuration
For optimum performance in system applications the power
supply decoupling scheme shown in Figure 4 should be used.
VDD decoupling is important to both reduce phase jitter and
EMI radiation. The 0.1-
µF decoupling capacitor should be
placed as close to the VDD pin as possible, otherwise the in-
creased trace inductance will negate its decoupling capability.
The 10-
µF decoupling capacitor shown should be a tantalum
type. For further EMI protection, the VDD connection can be
made via a ferrite bead, as shown.
The 6-pF XTAL load capacitors can be used to raise the inte-
grated 17-pF capacitance up to a total load of 20 pF on the
crystal.
Recommended Board Layout
Figure 5 shows a recommended 2-layer board layout.
Document #: 38-00801
Figure 4. Recommended Circuit Configuration
GND
8
7
6
5
1
2
3
4
C1
C2
XTAL1
Output
6 pF
6 pF
R1
C3
FB
C4
5V System Supply
10 µF Tantalum
VDD
0.1 µF
Ordering Information
Ordering Code
Freq. Mask
Code
Package
Name
Package Type
W42C31
04
G
8-pin Plastic SOIC (150-mil)
Figure 5. Recommended Board Layout (2-Layer Board)
C1
C2
Optional Guard Ring for
XTAL Oscillator Circuitry
Clock Output
XTAL1
is not required for operation).
Typical value is 6 pF.
High frequency supply decoupling
capacitor (0.1-µF recommended).
Common supply low frequency
decoupling capacitor (10-µF tantalum
recommended).
XTAL load capacitors (optional; use
FB
Ferrite Bead
C1, C2 =
C3 =
C4 =
Match value to line impedance
R1 =
=
R1
C3
C4
G
G
G
G
G
G
FB
Power Supply Input
(5V)
=
Via To GND Plane
G


Similar Part No. - W42C31

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W42C31 CYPRESS-W42C31 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31 CYPRESS-W42C31 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31 CYPRESS-W42C31 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
More results

Similar Description - W42C31

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
   Spread Spectrum Frequency Timing Generator
W155 CYPRESS-W155 Datasheet
86Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C32-05 CYPRESS-W42C32-05 Datasheet
131Kb / 8P
   Spread Spectrum Frequency Timing Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
   Spread Spectrum BX System Frequency Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com