Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W42C31-06 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W42C31-06
Description  Spread Spectrum Frequency Timing Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W42C31-06 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W42C31-06 Datasheet HTML 1Page - Cypress Semiconductor W42C31-06 Datasheet HTML 2Page - Cypress Semiconductor W42C31-06 Datasheet HTML 3Page - Cypress Semiconductor W42C31-06 Datasheet HTML 4Page - Cypress Semiconductor W42C31-06 Datasheet HTML 5Page - Cypress Semiconductor W42C31-06 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
W42C31-06
3
Spread Spectrum Frequency Timing
Generation
The benefits of using Spread Spectrum Frequency Timing
Generation are depicted in Figure 2. An EMI emission profile
of a clock harmonic is shown.
Contrast the typical clock EMI with the Cypress Spread Spec-
trum Frequency Timing Generation EMI. Notice the spike in
the typical clock. This spike can make systems fail quasi-peak
EMI testing. The FCC and other regulatory agencies test for
peak emissions. With spread spectrum enabled, the peak en-
ergy is much lower (at least 8 dB) because the energy is
spread out across a wider bandwidth.
Modulating Waveform
The shape of the modulating waveform is critical to EMI reduc-
tion. The modulation scheme used to accomplish the maxi-
mum reduction in EMI is shown in Figure 3. The period of the
modulation is shown as a percentage of the period length
along the X axis. The amount that the frequency is varied is
shown along the Y axis, also shown as a percentage of the
total frequency spread.
Cypress frequency selection tables express the modulation
percentage in two ways. The first method displays the spread-
ing frequency band as a percent of the programmed average
output frequency, symmetric about the programmed average
frequency. This method is always shown using the expression
fCenter ± XMOD% in the frequency spread selection table.
The second approach is to specify the maximum operating
frequency and the spreading band as a percentage of this fre-
quency. The output signal is swept from the lower edge of the
band to the maximum frequency. The expression for this ap-
proach is fMAX XMOD%. Whenever this expression is used,
Cypress has taken care to ensure that fMAX will never be ex-
ceeded. This is important in applications where the clock
drives components with tight maximum clock speed specifica-
tions.
SSON# Pin
An internal pull-down resistor defaults the chip into spread
spectrum mode. The SSON# pin enables the spreading fea-
ture when set LOW. When disabled (SSON# HIGH), the
W42C31-06 simply passes through the input clock. Upon go-
ing LOW, the device takes 2 ms to re-track the spreading algo-
rithm.
SSFTG
Typical Clock
5dB/div
Figure 2. Typical Clock and SSFTG Comparison
100%
60%
20%
80%
40%
0%
–20%
–40%
–60%
–80%
–100%
Time
Figure 3. Modulation Waveform Profile


Similar Part No. - W42C31-06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
More results

Similar Description - W42C31-06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
   Spread Spectrum Frequency Timing Generator
W155 CYPRESS-W155 Datasheet
86Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
   Spread Spectrum Frequency Timing Generator
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
   Spread Spectrum Frequency Timing Generator
W42C32-05 CYPRESS-W42C32-05 Datasheet
131Kb / 8P
   Spread Spectrum Frequency Timing Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
   Spread Spectrum Motherboard Frequency Generator
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
   Spread Spectrum BX System Frequency Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com