Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX56M3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BCX56M3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BCX56M3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BCX56M3 Datasheet HTML 1Page - Cystech Electonics Corp. BCX56M3 Datasheet HTML 2Page - Cystech Electonics Corp. BCX56M3 Datasheet HTML 3Page - Cystech Electonics Corp. BCX56M3 Datasheet HTML 4Page - Cystech Electonics Corp. BCX56M3 Datasheet HTML 5Page - Cystech Electonics Corp. BCX56M3 Datasheet HTML 6Page - Cystech Electonics Corp. BCX56M3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C304M3
Issued Date : 2007.04.23
Revised Date : 2013.08.07
Page No. : 2/7
BCX56M3
CYStek Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=100μA
BVCEO
100
-
-
V
IC=10mA
BVEBO
5
-
-
V
IE=10μA
ICBO
-
-
100
nA
VCB=80V
IEBO
-
-
20
nA
VEB=4V
*VCE(sat)
-
0.13
0.3
V
IC=500mA, IB=50mA
*VBE(on)
-
-
1
V
VCE=2V, IC=500mA
*hFE 1
80
-
-
-
VCE=2V, IC=5mA
*hFE 2
100
-
400
-
VCE=2V, IC=150mA
*hFE 3
40
-
-
-
VCE=2V, IC=500mA
fT
150
230
-
MHz
VCE=10V, IC=50mA, f=100MHz
Cob
-
6
15
pF
VCB=10V, IE=0A,f=1MHz
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%
Classification Of hFE 2
Rank
16
25
Range
100~250
160~400
Ordering Information
Device
Package
Shipping
Marking
BCX56M3
SOT-89
(Pb-free lead plating package)
1000 pcs / Tape & Reel
DF


Similar Part No. - BCX56M3

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
BCX56 SKTECHNOLGY-BCX56 Datasheet
591Kb / 2P
   NPN medium power transistor
logo
NXP Semiconductors
BCX56 PHILIPS-BCX56 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Micro Commercial Compon...
BCX56 MCC-BCX56 Datasheet
202Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BCX56 INFINEON-BCX56 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Jinan Jing Heng Electro...
BCX56 JINGHENG-BCX56 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - BCX56M3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com