Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX53M3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BCX53M3
Description  General Purpose PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BCX53M3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BCX53M3 Datasheet HTML 1Page - Cystech Electonics Corp. BCX53M3 Datasheet HTML 2Page - Cystech Electonics Corp. BCX53M3 Datasheet HTML 3Page - Cystech Electonics Corp. BCX53M3 Datasheet HTML 4Page - Cystech Electonics Corp. BCX53M3 Datasheet HTML 5Page - Cystech Electonics Corp. BCX53M3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C824M3
Issued Date : 2007.05.04
Revised Date : 2014.02.24
Page No. : 3/6
BCX53M3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE=2V
VCE=5V
Saturation Voltage vs Collector Current
10
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
IC=10IB
VCESAT
IC=20IB
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBESAT@IC=10IB
On Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBEON@VCE=2V
Power Derating Curves
0
0.5
1
1.5
2
2.5
0
50
100
150
200
Ambient Temperature---TA(℃)
See Note 2 on page 1
See Note 1 on page 1


Similar Part No. - BCX53M3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BCX53 RECTRON-BCX53 Datasheet
335Kb / 6P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Central Semiconductor C...
BCX53 CENTRAL-BCX53 Datasheet
290Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
BCX53 BILIN-BCX53 Datasheet
299Kb / 5P
   PNP Medium power transistors
logo
Nexperia B.V. All right...
BCX53 NEXPERIA-BCX53 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
More results

Similar Description - BCX53M3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com