Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSG101M25V63x11F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRSG101M25V63x11F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSG101M25V63x11F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRSG101M25V63x11F Datasheet HTML 1Page - NIC-Components Corp. NRSG101M25V63x11F Datasheet HTML 2Page - NIC-Components Corp. NRSG101M25V63x11F Datasheet HTML 3Page - NIC-Components Corp. NRSG101M25V63x11F Datasheet HTML 4Page - NIC-Components Corp. NRSG101M25V63x11F Datasheet HTML 5Page - NIC-Components Corp. NRSG101M25V63x11F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap
(
μF)
W.V
(Vdc)
Max.
Tan
δ
Max. Z (m
Ω)
100KHz & 20°C
Max. Ripple Current
(mA) 100KHz & 105°C
Load Life Hours
@ +105°C
NRSG150M25V4X7F
15
25
0.14
940
130
1000
NRSG270M25V5X7F
27
0.14
460
210
1000
NRSG470M25V5x11F
47
0.14
300
250
2000
NRSG560M25V6.3X7F
56
0.14
240
300
1000
NRSG101M25V6.3x11F
100
0.14
130
405
2000
NRSG101M25V8X7F
100
0.14
150
380
1000
NRSG221M25V8x11.5F
220
0.14
72
760
3000
NRSG331M25V8x16F
330
0.14
56
995
3000
NRSG331M25V10x12.5F
0.14
53
1030
4000
NRSG471M25V8x20F
470
0.14
41
1250
3000
NRSG471M25V10x16F
0.14
38
1430
4000
NRSG681M25V10x20F
680
0.14
23
1820
4000
NRSG821M25V10x20F
820
0.14
23
1820
4000
NRSG821M25V10x23F
0.14
22
2150
4000
NRSG102M25V12.5x20F 1000
0.14
21
2360
5000
NRSG152M25V12.5x25F 1500
0.14
18
2770
5000
NRSG182M25V12.5x30F
1800
0.14
16
3290
5000
NRSG182M25V16x21F
0.14
18
3140
5000
NRSG222M25V12.5X35F 2200
0.16
15
3400
5000
NRSG272M25V16x25F
2700
0.16
16
3460
5000
NRSG100M35V4X7F
10
35
0.12
960
130
1000
NRSG180M35V5X7F
18
0.12
470
210
1000
NRSG330M35V5x11F
33
0.12
300
250
2000
NRSG390M35V6.3X7F
39
0.12
250
300
1000
NRSG560M35V6.3x11F
56
0.12
130
405
2000
NRSG560M35V8X7F
56
0.12
160
380
1000
NRSG151M35V8x12.5F
150
0.12
72
760
3000
NRSG221M35V8x16F
220
0.12
56
995
3000
NRSG221M35V10x12.5F
0.12
53
1030
4000
NRSG271M35V8x20F
270
0.12
41
1250
3000
NRSG331M35V10x16F
330
0.12
38
1430
4000
NRSG471M35V10x20F
470
0.12
23
1820
4000
NRSG561M35V10x23F
560
0.12
22
2150
4000
NRSG681M35V12.5x20F
680
0.12
21
2360
5000
NRSG102M35V12.5x25F 1000
0.12
18
2770
5000
NRSG122M35V12.5x30F
1200
0.12
16
3290
5000
NRSG122M35V16x21F
0.12
18
3140
5000
NRSG152M35V12.5X35F 1500
0.12
15
3400
5000
NRSG182M35V16x25F
1800
0.12
16
3460
5000
NRSG5R6M50V4X7F
5.6
50
0.10
1000
130
1000
NRSG100M50V5X7F
10
0.10
500
210
1000
NRSG220M50V5x11F
22
0.10
340
238
2000
NRSG220M50V6.3X7F
22
0.10
260
300
1000
NRSG330M50V8X7F
33
0.10
170
380
1000
NRSG470M50V6.3x11F
47
0.10
140
385
2000
NRSG560M50V6.3X11F
56
0.10
140
385
2000
NRSG101M50V8x12.5F
100
0.10
74
724
3000
NRSG121M50V8x16F
120
0.10
61
950
3000
NRSG151M50V10x12.5F
150
0.10
61
979
4000
NRSG181M50V8x20F
180
0.10
46
1190
3000
NRSG221M50V10x16F
220
0.10
42
1370
4000
NRSG271M50V10x20F
270
0.10
30
1580
4000
NRSG331M50V10x23F
330
0.10
28
1870
4000
NRSG471M50V12.5x20F
470
0.10
27
2050
5000
NRSG561M50V12.5x25F
560
0.10
28
2410
5000
NRSG681M50V12.5x30F
680
0.10
21
2360
5000
NRSG821M50V12.5X35F
820
0.10
19
2960
5000
NRSG821M50V16x21F
820
0.10
23
2730
5000
NRSG102M50V16x25F
1000
0.10
21
3010
5000
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS D
φ x L (mm)
NRSG Series
Miniature Aluminum Electrolytic Capacitors
Denotes New Value


Similar Part No. - NRSG101M25V63x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSG101M25V6.3X11TRF NIC-NRSG101M25V6.3X11TRF Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSG101M25V63x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com