Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W40S11 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W40S11
Description  SDRAM Buffer - 2 DIMM (Mobile)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W40S11 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W40S11 Datasheet HTML 1Page - Cypress Semiconductor W40S11 Datasheet HTML 2Page - Cypress Semiconductor W40S11 Datasheet HTML 3Page - Cypress Semiconductor W40S11 Datasheet HTML 4Page - Cypress Semiconductor W40S11 Datasheet HTML 5Page - Cypress Semiconductor W40S11 Datasheet HTML 6Page - Cypress Semiconductor W40S11 Datasheet HTML 7Page - Cypress Semiconductor W40S11 Datasheet HTML 8Page - Cypress Semiconductor W40S11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SDRAM Buffer - 2 DIMM (Mobile)
W40S11-02
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
September 29, 1999, rev. **
Features
• Ten skew-controlled CMOS outputs (SDRAM0:9)
• Supports two SDRAM DIMMs
• Ideal for high-performance systems designed around
Intel®’s latest Mobile chip set
•I2C Serial configuration interface
• Skew between any two outputs is less than 250 ps
• 1 to 5 ns propagation delay
• DC to 133-MHz operation
• Single 3.3V supply voltage
• Low power CMOS design packaged in a 28-pin, 209-mil
SSOP (Shrink Small Outline Package)
Overview
The Cypress W40S11-02 is a low-voltage, ten-output clock
buffer. Output buffer impedance is approximately 15
Ω, which
is ideal for driving SDRAM DIMMs.
Key Specifications
Supply Voltages:........................................... VDD = 3.3V±5%
Operating Temperature:.................................... 0°C to +70°C
Input Threshold: .................................................. 1.5V typical
Maximum Input Voltage: .......................................VDD + 0.5V
Input Frequency:............................................... 0 to 133 MHz
BUF_IN to SDRAM0:9 Propagation Delay: ........1.0 to 5.0 ns
Output Edge Rate:................................................. >1.5 V/ns
Output Skew: ............................................................ ±250 ps
Output Duty Cycle: .................................. 45/55% worst case
Output Impedance: ........................................15 ohms typical
Output Type: ................................................ CMOS rail-to-rail
Intel is a registered trademark of Intel Corporation.
Pin Configuration
Block Diagram
Note:
1.
Internal pull-up resistor of 250K on SDATA, SCLOCK, and OE
inputs (should not be relied upon for pulling up to VDD).
[1]
[1]
SDRAM1
SDRAM2
SDRAM3
SDRAM4
SDRAM5
SDRAM6
SDRAM7
SDRAM8
SDRAM9
SDRAM0
Serial Port
SCLOCK
SDATA
Device Control
BUF_IN
OE
VDD
SDRAM0
SDRAM1
GND
VDD
SDRAM2
SDRAM3
GND
BUF_IN
VDD
SDRAM8
GND
VDD
SDATA
VDD
SDRAM7
SDRAM6
GND
VDD
SDRAM5
SDRAM4
GND
OE
VDD
SDRAM9
GND
GND
SCLOCK
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
[1]


Similar Part No. - W40S11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11 CYPRESS-W40S11 Datasheet
124Kb / 9P
   Clock Buffer/Driver
W40S11 CYPRESS-W40S11 Datasheet
193Kb / 11P
   Clock Buffer/Driver
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
W40S11-02H SPECTRALINEAR-W40S11-02H Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
W40S11-02X SPECTRALINEAR-W40S11-02X Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
More results

Similar Description - W40S11

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
logo
Winbond
W83L177R WINBOND-W83L177R Datasheet
108Kb / 9P
   100MHZ 2-DIMM SDRAM BUFFER FOR NOTEBOOK
logo
Cypress Semiconductor
W40S01-04 CYPRESS-W40S01-04 Datasheet
134Kb / 10P
   SDRAM Buffer - 4 DIMM
logo
Winbond
W83178S WINBOND-W83178S Datasheet
129Kb / 7P
   100 MHZ 3-DIMM SDRAM BUFFER
logo
Samsung semiconductor
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
KBE00F005A SAMSUNG-KBE00F005A Datasheet
1Mb / 87P
   512Mb NAND*2 256Mb Mobile SDRAM*2
KBE00S003M SAMSUNG-KBE00S003M Datasheet
1Mb / 86P
   1Gb NAND*2 256Mb Mobile SDRAM*2
DS_M390S2858CT1 SAMSUNG-DS_M390S2858CT1 Datasheet
239Kb / 12P
    SDRAM DIMM
logo
Integrated Circuit Syst...
ICS93712 ICST-ICS93712 Datasheet
388Kb / 6P
   2 DIMM DDR Fanout Buffer
logo
PhaseLink Corporation
PLL103-07 PLL-PLL103-07 Datasheet
144Kb / 7P
   2 DIMM DDR Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com