Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLMW152M100V30X30F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRLMW152M100V30X30F
Description  Large Can Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLMW152M100V30X30F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRLMW152M100V30X30F Datasheet HTML 1Page - NIC-Components Corp. NRLMW152M100V30X30F Datasheet HTML 2Page - NIC-Components Corp. NRLMW152M100V30X30F Datasheet HTML 3Page - NIC-Components Corp. NRLMW152M100V30X30F Datasheet HTML 4Page - NIC-Components Corp. NRLMW152M100V30X30F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap
(
μF)
W.V.
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLMW221M160V20X25F
220
160
20x25
0.829
0.373
1.00
1.40
NRLMW331M160V22X30F
330
22x30
0.553
0.249
1.20
1.68
NRLMW471M160V25X30F
470
25x30
0.459
0.208
1.40
1.96
NRLMW681M160V25X35F
680
25x35
0.317
0.143
1.70
2.38
NRLMW681M160V30X30F
30x30
NRLMW821M160V25X40F
820
25x40
0.263
0.118
2.00
2.80
NRLMW821M160V30X30F
30x30
NRLMW102M160V25X45F
1,000
25x45
0.216
0.108
2.20
3.08
NRLMW102M160V30X35F
30x35
NRLMW152M160V30X45F
1,500
30x45
0.166
0.083
2.50
3.50
NRLMW152M160V35X35F
35x35
NRLMW182M160V30X45F
1,800
30x45
0.129
0.064
2.70
3.78
NRLMW222M160V35X50F
2,200
35x50
0.113
0.057
2.90
4.06
NRLMW221M200V22X25F
220
200
22x25
0.754
0.339
1.00
1.40
NRLMW331M200V25X25F
330
25x25
0.502
0.226
1.20
1.68
NRLMW471M200V22X40F
470
22x40
0.353
0.159
1.40
1.96
NRLMW471M200V25X35F
25x35
NRLMW471M200V30X25F
30x25
NRLMW681M200V25X40F
680
25x40
0.244
0.110
1.70
2.38
NRLMW681M200V30X30F
30x30
NRLMW821M200V25X50F
820
25x50
0.222
0.111
2.00
2.80
NRLMW821M200V30X35F
30x35
NRLMW821M200V35X30F
35x30
NRLMW102M200V30X45F
1,000
30x45
0.199
0.099
2.20
3.08
NRLMW102M200V35X35F
35x35
NRLMW152M200V35X50F
1,500
35x50
0.144
0.072
2.50
3.50
NRLMW221M250V25X25F
220
250
25x25
0.754
0.377
1.00
1.40
NRLMW331M250V25X35F
330
25x35
0.502
0.251
1.20
1.68
NRLMW331M250V30X25F
30x25
NRLMW471M250V25X45F
470
25x45
0.353
0.176
1.40
1.96
NRLMW471M250V30X35F
30x35
NRLMW471M250V35X30F
35x30
NRLMW681M250V30X45F
680
30x45
0.244
0.122
1.70
2.38
NRLMW681M250V35X35F
35x35
NRLMW821M250V30X50F
820
30x50
0.202
0.101
2.00
2.80
NRLMW821M250V35X40F
35x40
NRLMW102M250V35X45F
1,000
35x45
0.199
0.099
2.20
3.08
Large Can Aluminum Electrolytic Capacitors
NRLMW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLMW152M100V30X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLMW153M100V20X25F NIC-NRLMW153M100V20X25F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW153M100V20X30F NIC-NRLMW153M100V20X30F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW153M100V20X35F NIC-NRLMW153M100V20X35F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW153M100V20X40F NIC-NRLMW153M100V20X40F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLMW153M100V22X30F NIC-NRLMW153M100V22X30F Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLMW152M100V30X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com