Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3018S3 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # 2SK3018S3
Description  ESD protected N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

2SK3018S3 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  2SK3018S3 Datasheet HTML 1Page - Cystech Electonics Corp. 2SK3018S3 Datasheet HTML 2Page - Cystech Electonics Corp. 2SK3018S3 Datasheet HTML 3Page - Cystech Electonics Corp. 2SK3018S3 Datasheet HTML 4Page - Cystech Electonics Corp. 2SK3018S3 Datasheet HTML 5Page - Cystech Electonics Corp. 2SK3018S3 Datasheet HTML 6Page - Cystech Electonics Corp. 2SK3018S3 Datasheet HTML 7Page - Cystech Electonics Corp. 2SK3018S3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C800S3
Issued Date : 2010.07.19
Revised Date : 2013.12.10
Page No. : 7/8
2SK3018S3
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - 2SK3018S3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 5P
   Small switching (30V, 0.1A)
logo
SHIKUES Electronics
2SK3018 SKTECHNOLGY-2SK3018 Datasheet
418Kb / 2P
   Low on-resistance, Fast switching spped, Silicon N-channel MOSFET
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
logo
Shenzhen Tuofeng Semico...
2SK3018 TUOFENG-2SK3018 Datasheet
2Mb / 4P
   N-Channel 30-V(D-S) MOSFET
Mar,2018 V1.0
logo
Guangdong Kexin Industr...
2SK3018 KEXIN-2SK3018 Datasheet
81Kb / 2P
   N-Channel MOSFET
More results

Similar Description - 2SK3018S3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTNK5C3 CYSTEKEC-MTNK5C3 Datasheet
327Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
MTNK5N3 CYSTEKEC-MTNK5N3 Datasheet
326Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
2SK3019C3 CYSTEKEC-2SK3019C3 Datasheet
327Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
2SK3541Y3 CYSTEKEC-2SK3541Y3 Datasheet
351Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
MTN1012ZC3 CYSTEKEC-MTN1012ZC3 Datasheet
719Kb / 7P
   ESD protected N-CHANNEL Enhancement Mode MOSFET
MTNK5S3 CYSTEKEC-MTNK5S3 Datasheet
321Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
   60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
BSS138 PANJIT-BSS138 Datasheet
114Kb / 5P
   50V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com