Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148WSH Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # 1N4148WSH
Description  400mW SOD-123 Plastic Encapsulated Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

1N4148WSH Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  1N4148WSH Datasheet HTML 1Page - Cystech Electonics Corp. 1N4148WSH Datasheet HTML 2Page - Cystech Electonics Corp. 1N4148WSH Datasheet HTML 3Page - Cystech Electonics Corp. 1N4148WSH Datasheet HTML 4Page - Cystech Electonics Corp. 1N4148WSH Datasheet HTML 5Page - Cystech Electonics Corp. 1N4148WSH Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C456SH-A
Issued Date : 2008.03.10
Revised Date :2013.10.31
Page No. : 2/6
1N4148WSH
CYStek Product Specification
Maximum Ratings(TA=25℃, unless otherwise noted)
Characteristics
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Repetitive Peak Reverse Voltage
VRRM
100
V
DC Blocking Voltage
VR
100
V
RMS Reverse Voltage
VRMS
70
V
Forward Continuous Current
IFM
500
mA
Average Forward Rectified Current
IO
250
mA
4.0
Peak Forward Surge Current @ tp=1.0μs
@ tp=1.0 s
IFSM
2.0
A
Power Dissipation
PD
400
mW
Junction Temperature
Tj
125
°C
Storage Temperature Range
Tstg
-65 to +150
°C
Maximum Thermal Resistance(TA=25℃)
Parameter
Test Conditions
Symbol
Value
Unit
Junction to Ambient Resistance
Rth,JA
315
°C/W
Electrical Characteristics (TA=25
°C, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
IF=5mA
0.62
-
0.72
IF=10mA
-
-
0.855
IF=100mA
-
-
1.0
Forward Voltage
IF=150mA
VF
-
-
1.25
V
VR=20V
-
-
25
nA
Reverse Current
VR=100V
IR
-
-
2.5
μA
Reverse Breakdown Voltage
IR=10μA
V(BR)
100
-
-
V
Diode Capacitance
VR=0, f=1MHz
CT
-
-
4
pF
Reverse Recovery Time
IF=IR=10mA,IRR=0.1×IR, RL=100Ω
trr
-
-
4
ns
Recommended Soldering Footprint


Similar Part No. - 1N4148WSH

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Dongguan Pingjingsemi T...
1N4148WS PJSEMI-1N4148WS Datasheet
524Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Sangdest Microelectroni...
1N4148WS SMC-1N4148WS Datasheet
130Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Vishay Siliconix
1N4148WS VISHAY-1N4148WS Datasheet
142Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.7, 14-Sep-07
logo
SMC Diode Solutions Co....
1N4148WS SMCDIODE-1N4148WS Datasheet
273Kb / 4P
   MOUNT FAST SWITCHING DIODE
Rev. B
More results

Similar Description - 1N4148WSH

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
1N4448WSH CYSTEKEC-1N4448WSH Datasheet
300Kb / 6P
   400mW SOD-123 Plastic Encapsulated Diodes
logo
Jiangsu High diode Semi...
BZT52B-SOD123 HDSEMI-BZT52B-SOD123 Datasheet
1Mb / 5P
   SOD 123 Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
BAT43W UNSEMI-BAT43W Datasheet
2Mb / 4P
   SOD-123 Plastic-Encapsulate Diodes
Revision March 1,2022
logo
Jiangsu High diode Semi...
1N4448WT5 HDSEMI-1N4448WT5 Datasheet
1Mb / 5P
   SOD-123 Plastic-Encapsulate Diodes
1N4148W HDSEMI-1N4148W Datasheet
1Mb / 5P
   SOD-123 Plastic-Encapsulate Diodes
1N5819W HDSEMI-1N5819W Datasheet
1Mb / 4P
   SOD 123 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
1N4148W WILLAS-1N4148W Datasheet
375Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
B5817W HDSEMI-B5817W Datasheet
2Mb / 4P
   SOD 123 Plastic-Encapsulate Diodes
BAT46W HDSEMI-BAT46W Datasheet
1Mb / 4P
   SOD 123 Plastic-Encapsulate Diodes
B1040W HDSEMI-B1040W Datasheet
2Mb / 4P
   SOD 123 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com