Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W40S01-04 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # W40S01-04
Description  SDRAM Buffer - 4 DIMM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W40S01-04 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button W40S01-04 Datasheet HTML 2Page - Cypress Semiconductor W40S01-04 Datasheet HTML 3Page - Cypress Semiconductor W40S01-04 Datasheet HTML 4Page - Cypress Semiconductor W40S01-04 Datasheet HTML 5Page - Cypress Semiconductor W40S01-04 Datasheet HTML 6Page - Cypress Semiconductor W40S01-04 Datasheet HTML 7Page - Cypress Semiconductor W40S01-04 Datasheet HTML 8Page - Cypress Semiconductor W40S01-04 Datasheet HTML 9Page - Cypress Semiconductor W40S01-04 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
W40S01-04
9
Document #: 38-00811
AC Electrical Characteristics: TA = 0°C to +70°C, VDDQ3 = 3.3V±5% (Lump Capacitance Test Load = 30 pF)
Parameter
Description
Test Condition
Min
Typ
Max
Unit
fIN
Input Frequency
0
133
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
1.5
4.0
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1.5
4.0
V/ns
tSR
Output Skew, Rising Edges
250
ps
tSF
Output Skew, Falling Edges
250
ps
tEN
Output Enable Time
1.0
8.0
ns
tDIS
Output Disable Time
1.0
8.0
ns
tPR
Rising Edge Propagation Delay
1.0
5.0
ns
tPF
Falling Edge Propagation Delay
1.0
5.0
ns
tD
Duty Cycle
Measured at 1.5V
45
55
%
Zo
AC Output Impedance
15
TSPP
Part to Part Skew
700
ps
Ordering Information
Ordering Code
Freq. Mask
Code
Package
Name
Package Type
W40S01
04
H
48-pin SSOP (300 mils)


Similar Part No. - W40S01-04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11 CYPRESS-W40S11 Datasheet
167Kb / 11P
   SDRAM Buffer - 2 DIMM (Mobile)
W40S11 CYPRESS-W40S11 Datasheet
124Kb / 9P
   Clock Buffer/Driver
W40S11 CYPRESS-W40S11 Datasheet
193Kb / 11P
   Clock Buffer/Driver
W40S11-02 CYPRESS-W40S11-02 Datasheet
167Kb / 11P
   SDRAM Buffer - 2 DIMM (Mobile)
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
More results

Similar Description - W40S01-04

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
   SDRAM Buffer - 2 DIMM (Mobile)
logo
Cypress Semiconductor
W40S11-02 CYPRESS-W40S11-02 Datasheet
167Kb / 11P
   SDRAM Buffer - 2 DIMM (Mobile)
logo
Winbond
W83178S WINBOND-W83178S Datasheet
129Kb / 7P
   100 MHZ 3-DIMM SDRAM BUFFER
W83L177R WINBOND-W83L177R Datasheet
108Kb / 9P
   100MHZ 2-DIMM SDRAM BUFFER FOR NOTEBOOK
logo
Samsung semiconductor
DS_M390S2858CT1 SAMSUNG-DS_M390S2858CT1 Datasheet
239Kb / 12P
    SDRAM DIMM
logo
Micron Technology
MT9VDDT1672A MICRON-MT9VDDT1672A Datasheet
542Kb / 29P
   DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com