Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSH221M16V63x11F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRSH221M16V63x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSH221M16V63x11F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRSH221M16V63x11F Datasheet HTML 1Page - NIC-Components Corp. NRSH221M16V63x11F Datasheet HTML 2Page - NIC-Components Corp. NRSH221M16V63x11F Datasheet HTML 3Page - NIC-Components Corp. NRSH221M16V63x11F Datasheet HTML 4Page - NIC-Components Corp. NRSH221M16V63x11F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. ESR (
Ω)
+20°C/100KHz
Load Life Hours
@+105°C
NRSH470M35V5x11F
47
35
0.12
345
0.220
6,000
NRSH101M35V6.3x11F
100
0.12
540
0.094
6,000
NRSH221M35V8x11.5F
220
0.12
945
0.056
8,000
NRSH271M35V8x16F
270
0.12
1250
0.045
8,000
NRSH331M35V10x12.5F
330
0.12
1330
0.039
10,000
NRSH391M35V8x20F
390
0.12
1500
0.029
8,000
NRSH471M35V10x16F
470
0.12
1760
0.028
10,000
NRSH561M35V10x20F
560
0.12
1960
0.020
10,000
NRSH681M35V10x23F
680
0.12
2250
0.018
10,000
NRSH102M35V12.5x20F
1,000
0.12
2480
0.017
10,000
NRSH122M35V12.5x25F
1,200
0.12
2900
0.015
10,000
NRSH152M35V12.5x30F
1,500
0.12
3450
0.013
10,000
NRSH152M35V16x20F
0.12
3250
0.015
10,000
NRSH182M35V12.5x35F
1,800
0.12
3570
0.012
10,000
NRSH222M35V16x25F
2,200
0.14
3630
0.013
10,000
NRSH270M50V5x11F
27
50
0.10
238
0.340
6,000
NRSH560M50V6.3x11F
56
0.10
385
0.140
6,000
NRSH101M50V8x11.5F
100
0.10
724
0.074
8,000
NRSH121M50V8x16F
120
0.10
950
0.061
8,000
NRSH151M50V10x12.5F
150
0.10
979
0.061
10,000
NRSH181M50V8x20F
180
0.10
1190
0.046
8,000
NRSH221M50V10x16F
220
0.10
1370
0.042
10,000
NRSH271M50V10x20F
270
0.10
1580
0.030
10,000
NRSH331M50V10x23F
330
0.10
1870
0.028
10,000
NRSH471M50V12.5x20F
470
0.10
2050
0.027
10,000
NRSH561M50V12.5x25F
560
0.10
2410
0.023
10,000
NRSH681M50V12.5x30F
680
0.10
2860
0.021
10,000
NRSH821M50V12.5x35F
820
0.10
2960
0.019
10,000
NRSH821M50V16x20F
0.10
2730
0.023
10,000
NRSH102M50V16x25F
1,000
0.10
3010
0.021
10,000
NRSH180M63V5x11F
18
63
0.09
173
0.88
6,000
NRSH470M63V6.3x11F
47
0.09
278
0.35
6,000
NRSH820M63V8x11.5F
82
0.09
525
0.22
8,000
NRSH101M63V8x16F
100
0.09
688
0.16
8,000
NRSH121M63V10x12.5F
120
0.09
725
0.15
10,000
NRSH151M63V8x20F
150
0.09
861
0.12
8,000
NRSH181M63V10x16F
180
0.09
998
0.11
10,000
NRSH271M63V10x20F
270
0.09
1200
0.078
10,000
NRSH271M63V12.5x16F
270
0.09
1200
0.082
10,000
NRSH331M63V10x23F
330
0.09
1410
0.069
10,000
NRSH391M63V12.5x20F
390
0.09
1570
0.060
10,000
NRSH471M63V12.5x25F
470
0.09
1990
0.043
10,000
NRSH561M63V12.5x30F
560
0.09
2410
0.035
10,000
NRSH561M63V16x20F
560
0.09
2100
0.043
10,000
NRSH681M63V12.5x35F
680
0.09
2620
0.033
10,000
NRSH821M63V12.5x40F
820
0.09
2940
0.027
10,000
NRSH821M63V16x25F
820
0.09
2730
0.032
10,000
NRSH821M63V18x20F
820
0.09
2500
0.038
10,000
NRSH122M63V16x31.5F
1200
0.09
2990
0.024
10,000
NRSH122M63V18x25F
1200
0.09
2800
0.031
10,000
NRSH152M63V16x35.5F
1500
0.09
3040
0.021
10,000
NRSH152M63V18x31.5F
1500
0.09
3300
0.025
10,000
NRSH182M63V16x40F
1800
0.09
3570
0.019
10,000
NRSH182M63V18x35.5F
1800
0.09
3570
0.020
10,000
NRSH222M63V18x40F
2200
0.11
3670
0.018
10,000
Miniature Aluminum Electrolytic Capacitors
NRSH Series
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)


Similar Part No. - NRSH221M16V63x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSH221M16V6.3X11F NIC-NRSH221M16V6.3X11F Datasheet
282Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSH221M16V63x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com