Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSY221M16V63x11F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRSY221M16V63x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSY221M16V63x11F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRSY221M16V63x11F Datasheet HTML 1Page - NIC-Components Corp. NRSY221M16V63x11F Datasheet HTML 2Page - NIC-Components Corp. NRSY221M16V63x11F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRSY Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Max.
Tan
δ
Max. LC
(
μA)
Max. Impedance
Max. Ripple Current at
10KHz~200KHz/105°C
(mA rms)
Load Life Hours
@ +105°C
100KHz/20°C
NRSY2R2M50V5x11F
2.2
50
0.12
3.0
3.00
45
1000
NRSY3R3M50V5x11F
3.3
0.12
3.0
2.70
55
1000
NRSY4R7M50V5x11F
4.7
0.12
3.0
2.00
90
1000
NRSY100M50V5x11F
10
0.12
5.0
1.70
110
1000
NRSY220M50V5x11F
22
0.12
11
1.20
120
1000
NRSY330M50V5x11F
33
0.12
16.5
0.95
130
1000
NRSY470M50V6.3x11F
47
0.12
23.5
0.56
190
1000
NRSY101M50V8x11.5F
100
0.12
50
0.30
320
1000
NRSY221M50V10x12.5F
220
0.12
110
0.16
520
2000
NRSY331M50V10x16F
330
0.12
165
0.12
670
2000
NRSY471M50V10x20F
470
0.12
235
0.088
820
2000
NRSY102M50V12.5x25F
1000
0.12
500
0.053
1200
3000
NRSY222M50V16x31.5F
2200
0.14
1100
0.029
1750
3000
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
RIPPLE CURRENT CORRECTION FACTOR
Frequency (Hz) 100 < f < 1K 1K < f < 10K
10K < f
22 < C < 100
0.55
0.8
1.0
100 < C < 1000
0.7
0.9
1.0
1000 < C
0.9
0.95
1.0
For Automotive Applications see part number system


Similar Part No. - NRSY221M16V63x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSY221M16V6.3X11TBF NIC-NRSY221M16V6.3X11TBF Datasheet
142Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSY221M16V63x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com