Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRWPC150M160V10X12F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRWPC150M160V10X12F
Description  Miniature Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWPC150M160V10X12F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRWPC150M160V10X12F Datasheet HTML 1Page - NIC-Components Corp. NRWPC150M160V10X12F Datasheet HTML 2Page - NIC-Components Corp. NRWPC150M160V10X12F Datasheet HTML 3Page - NIC-Components Corp. NRWPC150M160V10X12F Datasheet HTML 4Page - NIC-Components Corp. NRWPC150M160V10X12F Datasheet HTML 5Page - NIC-Components Corp. NRWPC150M160V10X12F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRWPC Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRWPCR47M160V5X11F
0.47
160
0.15
13
529.37
2,000
NRWPC1R0M160V5X11F
1.0
0.15
18
248.81
2,000
NRWPC2R2M160V6.3X11F
2.2
0.15
27
113.09
2,000
NRWPC3R3M160V6.3X11F
3.3
0.15
28
75.40
2,000
NRWPC4R7M160V6.3X11F
4.7
0.15
32
52.94
2,000
NRWPC6R8M160V8X12F
6.8
0.15
38
36.59
2,000
NRWPC100M160V8X12F
10
0.15
55
24.88
2,000
NRWPC150M160V10X12F
15
0.15
70
16.59
2,000
NRWPC220M160V10X20F
22
0.15
140
11.31
2,000
NRWPC330M160V10X20F
33
0.15
145
7.54
2,000
NRWPC470M160V12.5X20F
47
0.15
195
5.29
2,000
NRWPC560M160V12.5X20F
56
0.15
215
4.44
2,000
NRWPC680M160V12.5X25F
68
0.15
270
3.66
2,000
NRWPC820M160V12.5X25F
82
0.15
290
3.03
2,000
NRWPC101M160V16X25F
100
0.15
340
2.49
2,000
NRWPC121M160V16X25F
120
0.15
360
2.07
2,000
NRWPC151M160V16X32F
150
0.15
435
1.66
2,000
NRWPC181M160V16X36F
180
0.15
450
1.38
2,000
NRWPC221M160V16X36F
220
0.15
500
1.13
2,000
NRWPC331M160V18X36F
330
0.15
600
0.75
2,000
NRWPC471M160V18X45F
470
0.15
740
0.53
2,000
NRWPC561M160V18X51F
560
0.15
800
0.44
2,000
NRWPCR47M200V5X11F
0.47
200
0.15
13
529.37
2,000
NRWPC1R0M200V5X11F
1.0
0.15
15
248.81
2,000
NRWPC2R2M200V6.3X11F
2.2
0.15
27
113.09
2,000
NRWPC3R3M200V6.3X11F
3.3
0.15
28
75.40
2,000
NRWPC4R7M200V8X12F
4.7
0.15
36
52.94
2,000
NRWPC6R8M200V8X12F
6.8
0.15
40
36.59
2,000
NRWPC100M200V10X12F
10
0.15
60
24.88
2,000
NRWPC150M200V10X16F
15
0.15
75
16.59
2,000
NRWPC220M200V10X20F
22
0.15
150
11.31
2,000
NRWPC330M200V12.5×20F
33
0.15
160
7.54
2,000
NRWPC470M200V12.5×20F
47
0.15
195
5.29
2,000
NRWPC560M200V12.5×20F
56
0.15
215
4.44
2,000
NRWPC680M200V12.5×25F
68
0.15
250
3.66
2,000
NRWPC820M200V16×25F
82
0.15
270
3.03
2,000
NRWPC101M200V16×25F
100
0.15
320
2.49
2,000
NRWPC121M200V16×32F
120
0.15
340
2.07
2,000
NRWPC151M200V16×32F
150
0.15
360
1.66
2,000
NRWPC181M200V16×36F
180
0.15
400
1.38
2,000
NRWPC221M200V16×36F
220
0.15
500
1.13
2,000
NRWPC331M200V18×36F
330
0.15
610
0.75
2,000
NRWPC471M200V18×45F
470
0.15
750
0.53
2,000
NRWPC561M200V18×51F
560
0.15
805
0.44
2,000
NRWPCR47M250V5×11F
0.47
250
0.15
13
529.37
2,000
NRWPC1R0M250V6.3×11F
1.0
0.15
18
248.81
2,000
NRWPC2R2M250V6.3×11F
2.2
0.15
23
113.09
2,000
NRWPC3R3M250V8×12F
3.3
0.15
30
75.40
2,000
NRWPC4R7M250V8×12F
4.7
0.15
39
52.94
2,000
NRWPC6R8M250V10×12F
6.8
0.15
42
36.59
2,000
NRWPC100M250V10×16F
10
0.15
75
24.88
2,000
NRWPC150M250V10×16F
15
0.15
85
16.59
2,000
NRWPC220M250V12.5×20F
22
0.15
160
11.31
2,000
NRWPC330M250V12.5×20F
33
0.15
165
7.54
2,000
NRWPC470M250V12.5×25F
47
0.15
195
5.29
2,000
NRWPC560M250V12.5×25F
56
0.15
215
4.44
2,000
NRWPC680M250V16×25F
68
0.15
240
3.66
2,000
NRWPC820M250V16×25F
82
0.15
280
3.03
2,000
NRWPC101M250V16×32F
100
0.15
310
2.49
2,000
NRWPC121M250V16×32F
120
0.15
330
2.07
2,000
NRWPC151M250V16×36F
150
0.15
460
1.66
2,000
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)


Similar Part No. - NRWPC150M160V10X12F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWPC150M160V10X12F NIC-NRWPC150M160V10X12F Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWPC150M160V10X12F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com