Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLM822M50V30X35F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRLM822M50V30X35F
Description  Large Can Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLM822M50V30X35F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRLM822M50V30X35F Datasheet HTML 1Page - NIC-Components Corp. NRLM822M50V30X35F Datasheet HTML 2Page - NIC-Components Corp. NRLM822M50V30X35F Datasheet HTML 3Page - NIC-Components Corp. NRLM822M50V30X35F Datasheet HTML 4Page - NIC-Components Corp. NRLM822M50V30X35F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap
(
μF)
W.V.
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLM331M160V22X25F
330
160
22x25
0.553
0.276
1.45
2.03
NRLM471M160V22X30F
470
22x30
0.423
0.212
2.50
2.95
NRLM471M160V25X25F
25x25
NRLM681M160V25X35F
680
25x35
0.293
0.146
2.50
3.50
NRLM681M160V30X25F
30x25
NRLM821M160V25X35F
820
25x35
0.263
0.131
2.75
3.85
NRLM821M160V30X30F
30x30
NRLM102M160V25X45F
1,000
25x45
0.232
0.128
3.00
4.20
NRLM102M160V30X35F
30x35
NRLM102M160V35X30F
35x30
NRLM152M160V30X45F
1,500
30x45
0.166
0.910
3.73
5.22
NRLM152M160V35X45F
35x45
NRLM222M160V35X45F
2,200
35x45
0.113
0.073
4.78
6.69
NRLM221M200V22X25F
220
200
22x25
0.904
0.407
0.87
1.22
NRLM221M200V25X25F
25x25
NRLM331M200V20X35F
330
20x35
0.553
0.249
1.56
2.18
NRLM331M200V22X30F
22x30
NRLM331M200V25X25F
25x25
NRLM471M200V22X35F
470
22x35
0.388
0.175
1.85
2.59
NRLM471M200V25X30F
25x30
NRLM471M200V30X25F
30x25
NRLM681M200V22X45F
680
22x45
0.268
0.121
2.68
3.75
NRLM681M200V25X35F
25x35
NRLM681M200V30X30F
30x30
NRLM821M200V25X45F
820
25x45
0.243
0.109
2.93
4.10
NRLM821M200V30X35F
30x35
NRLM821M200V35X25F
35x25
NRLM102M200V25X50F
1,000
25x50
0.199
0.090
3.25
4.55
NRLM102M200V30X40F
30x40
NRLM102M200V35X30F
35x30
NRLM152M200V30X50F
1,500
30x50
0.144
0.072
3.87
5.42
NRLM152M200V35X40F
35x40
NRLM222M200V35X50F
2,200
35x50
0.098
0.054
4.92
6.89
NRLM221M250V22X30F
220
250
22x30
0.904
0.360
1.17
1.64
NRLM221M250V25X25F
25x25
NRLM331M250V22X35F
330
22x35
0.653
0.261
1.75
2.45
NRLM331M250V25X30F
25x30
NRLM331M250V30X25F
30x25
NRLM471M250V22X45F
470
22x45
0.388
0.155
2.11
2.95
NRLM471M250V25X40F
25x40
NRLM471M250V30X30F
30x30
NRLM681M250V25X50F
680
25x50
0.268
0.107
2.50
3.50
NRLM681M250V30X40F
30x40
NRLM681M250V35X30F
35x30
NRLM821M250V30X45F
820
30x45
0.222
0.089
2.77
3.88
NRLM821M250V35X45F
35x45
NRLM102M250V30X50F
1,000
30x50
0.199
0.090
3.32
4.65
NRLM102M250V35X40F
35x40
NRLM152M250V30X50F
1,500
30x50
0.168
0.083
3.87
4.94
NRLM152M250V35X40F
35x40
NRLM152M250V35X50F
1,500
35x50
0.133
0.066
4.04
5.66
Large Can Aluminum Electrolytic Capacitors
NRLM Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLM822M50V30X35F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLM822M50V30X30XF NIC-NRLM822M50V30X30XF Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLM822M50V30X35F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com