Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2Q2--N30MY4-U Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E2Q2--N30MY4-U
Description  Inductive Proximity Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2Q2--N30MY4-U Datasheet(HTML) 5 Page - Omron Electronics LLC

  E2Q2--N30MY4-U Datasheet HTML 1Page - Omron Electronics LLC E2Q2--N30MY4-U Datasheet HTML 2Page - Omron Electronics LLC E2Q2--N30MY4-U Datasheet HTML 3Page - Omron Electronics LLC E2Q2--N30MY4-U Datasheet HTML 4Page - Omron Electronics LLC E2Q2--N30MY4-U Datasheet HTML 5Page - Omron Electronics LLC E2Q2--N30MY4-U Datasheet HTML 6Page - Omron Electronics LLC E2Q2--N30MY4-U Datasheet HTML 7Page - Omron Electronics LLC E2Q2--N30MY4-U Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
E2Q2
E2Q2
6
PNP (NO + NC) Output
Target
Present
Absent
Load
Operates
(output)
Releases
Operation
ON
indicator
OFF
E2Q2--NjjjF3--j
Output
NO
NC
Present
Absent
Operates
Releases
ON
OFF
Main
circuit
Load
+V
-- V
2White
NC output
1Brown
4Black
NO
output
3Blue
Load
4.7 kW
4.7 kW
AC (NO or NC) Output
Target
Present
Absent
Load
Operates
(output)
Releases
Operation
ON
indicator
OFF
E2Q2--NjjjY4--j
Output
NO
NC
Present
Absent
Operates
Releases
ON
OFF
Main
circuit
L1
L1
2
4
3
N
N
NC output
NO output
ONLY ONE OUTPUT ALLOWED!
1


Similar Description - E2Q2--N30MY4-U

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
   Inductive Proximity Sensor IC
logo
Panasonic Semiconductor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
   Compact Inductive Proximity Sensor
logo
Omron Electronics LLC
E2EZ-X4D1-R OMRON-E2EZ-X4D1-R Datasheet
840Kb / 9P
   Chip-immune Inductive Proximity Sensor
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
E2EZ-X8D1-N OMRON-E2EZ-X8D1-N Datasheet
661Kb / 9P
   Chip-immune Inductive Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com