Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSG472M63V125x30F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRSG472M63V125x30F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSG472M63V125x30F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRSG472M63V125x30F Datasheet HTML 1Page - NIC-Components Corp. NRSG472M63V125x30F Datasheet HTML 2Page - NIC-Components Corp. NRSG472M63V125x30F Datasheet HTML 3Page - NIC-Components Corp. NRSG472M63V125x30F Datasheet HTML 4Page - NIC-Components Corp. NRSG472M63V125x30F Datasheet HTML 5Page - NIC-Components Corp. NRSG472M63V125x30F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NRSG Series
Miniature Aluminum Electrolytic Capacitors
Part Number
Cap
(
μF)
W.V
(Vdc)
Max.
Tan
δ
Max. Z (m
Ω)
100KHz & 20°C
Max. Ripple Current
(mA) 100KHz & 105°C
Load Life Hours
@ +105°C
NRSG390M6.3V4X7F
39
6.3
0.22
850
130
1000
NRSG680M6.3V5X7F
68
0.22
430
210
1000
NRSG151M6.3V5x11F
150
0.22
300
250
2000
NRSG151M6.3V6.3X7F
150
0.22
230
300
1000
NRSG221M6.3V8X7F
220
0.22
150
380
1000
NRSG331M6.3V6.3x11F
330
0.22
130
405
2000
NRSG561M6.3V8x11.5F
560
0.22
72
760
3000
NRSG821M6.3V8x16F
820
0.22
56
995
3000
NRSG102M6.3V10x12.5F
1000
0.22
53
1030
4000
NRSG122M6.3V8x20F
1200
0.22
41
1250
3000
NRSG122M6.3V10x16F
0.22
38
1430
4000
NRSG152M6.3V10x20F
1500
0.22
23
1820
4000
NRSG222M6.3V10x20F
2200
0.24
23
1820
4000
NRSG222M6.3V10x23F
0.24
22
2150
4000
NRSG332M6.3V12.5x20F
3300
0.26
21
2360
5000
NRSG392M6.3V12.5x25F
3900
0.26
18
2770
5000
NRSG472M6.3V12.5x30F
4700
0.28
16
3290
5000
NRSG562M6.3V12.5X35F
5600
0.30
15
3400
5000
NRSG562M6.3V16x21F
0.30
18
3140
5000
NRSG682M6.3V16x25F
6800
0.32
16
3460
5000
NRSG270M10V4X7F
27
10
0.19
890
130
1000
NRSG560M10V5X7F
56
0.19
440
210
1000
NRSG101M10V5x11F
100
0.19
300
250
2000
NRSG121M10V6.3X7F
120
0.19
230
300
1000
NRSG181M10V8X7F
180
0.19
150
380
1000
NRSG221M10V6.3x11F
220
0.19
130
405
2000
NRSG471M10V8x11.5F
470
0.19
72
760
3000
NRSG681M10V8x16F
680
0.19
56
995
3000
NRSG681M10V10x12.5F
0.19
53
1030
4000
NRSG102M10V8x20F
1000
0.19
41
1250
3000
NRSG102M10V10x16F
0.19
38
1430
4000
NRSG122M10V10x20F
1200
0.19
23
1820
4000
NRSG152M10V10x20F
1500
0.19
23
1820
4000
NRSG152M10V10x23F
0.19
22
2150
4000
NRSG222M10V12.5x20F
2200
0.21
21
2360
5000
NRSG332M10V12.5x25F
3300
0.23
18
2770
5000
NRSG392M10V12.5x30F
3900
0.23
16
3290
5000
NRSG392M10V16x21F
0.23
18
3140
5000
NRSG472M10V12.5X35F
4700
0.25
15
3400
5000
NRSG562M10V16x25F
5600
0.27
16
3460
5000
NRSG180M16V4X7F
18
16
0.16
920
130
1000
NRSG330M16V5X7F
33
0.16
450
210
1000
NRSG560M16V5x11F
56
0.16
300
250
2000
NRSG680M16V6.3X7F
68
0.16
240
300
1000
NRSG121M16V6.3x11F
120
0.16
130
405
2000
NRSG121M16V8X7F
120
0.16
150
380
1000
NRSG331M16V8x11.5F
330
0.16
72
760
3000
NRSG471M16V8x16F
470
0.16
56
995
3000
NRSG471M16V10x12.5F
0.16
53
1030
4000
NRSG681M16V8x20F
680
0.16
41
1250
3000
NRSG681M16V10x16F
0.16
38
1430
4000
NRSG102M16V10x20F
1000
0.16
23
1820
4000
NRSG122M16V10x20F
1200
0.16
23
1820
4000
NRSG122M16V10x23F
0.16
22
2150
4000
NRSG152M16V12.5x20F
1500
0.16
21
2360
5000
NRSG222M16V12.5x25F
2200
0.18
18
2770
5000
NRSG272M16V12.5x30F
2700
0.18
16
3290
5000
NRSG272M16V16x21F
0.18
18
3140
5000
NRSG332M16V12.5X35F
3300
0.20
15
3400
5000
NRSG392M16V16x25F
3900
0.20
16
3460
5000
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS D
φ x L (mm)
Denotes New Value


Similar Part No. - NRSG472M63V125x30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSG472M63V12.5X20TRF NIC-NRSG472M63V12.5X20TRF Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSG472M63V125x30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com