Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLF271M160V25X20F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRLF271M160V25X20F
Description  Large Can Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLF271M160V25X20F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRLF271M160V25X20F Datasheet HTML 1Page - NIC-Components Corp. NRLF271M160V25X20F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLF Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap
(
μF)
W.V.
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLF472M16V22X20F
4,700
16
22x20
0.159
0.135
1.60
1.84
NRLF682M16V25X20F
6,800
25x20
0.110
0.093
1.80
2.07
NRLF103M16V30X20F
10,000
30x20
0.083
0.070
2.40
2.76
NRLF153M16V35X20F
15,000
35x20
0.055
0.047
3.20
3.68
NRLF332M25V22X20F
3,300
25
22x20
0.176
0.141
1.60
1.84
NRLF472M25V25X20F
4,700
25x20
0.123
0.099
1.80
2.07
NRLF682M25V30X20F
6,800
30x20
0.078
0.062
2.30
2.65
NRLF103M25V35X20F
10,000
35x20
0.061
0.049
2.70
3.11
NRLF222M35V22X20F
2,200
35
22x20
0.181
0.136
1.40
1.61
NRLF332M35V25X20F
3,300
25x20
0.121
0.090
1.70
1.96
NRLF472M35V30X20F
4,700
30x20
0.088
0.066
2.00
2.30
NRLF682M35V35X20F
6,800
35x20
0.071
0.053
2.40
2.76
NRLF152M50V22X20F
1,500
50
22x20
0.254
0.191
1.20
1.38
NRLF222M50V25X20F
2,200
25x20
0.173
0.130
1.40
1.612
NRLF332M50V30X20F
3,300
30x20
0.116
0.087
1.70
1.96
NRLF472M50V35X20F
4,700
35x20
0.081
0.061
2.10
2.42
NRLF102M63V22X20F
1,000
63
22x20
0.381
0.286
1.20
1.38
NRLF152M63V25X20F
1,500
25x20
0.254
0.191
1.30
1.50
NRLF222M63V30X20F
2,200
30x20
0.173
0.130
1.50
1.96
NRLF332M63V35X20F
3,300
35x20
0.126
0.094
1.70
1.96
NRLF681M80V22X20F
680
80
22x20
0.439
0.329
1.00
1.15
NRLF102M80V25X20F
1,000
25x20
0.298
0.244
1.20
1.38
NRLF152M80V30X20F
1,500
30x20
0.199
0.149
1.40
1.61
NRLF222M80V35X20F
2,200
35x20
0.136
0.102
1.70
1.96
NRLF471M100V22X20F
470
100
22x20
0.529
0.344
1.00
1.15
NRLF681M100V25X20F
680
25x20
0.366
0.238
1.10
1.27
NRLF102M100V30X20F
1,000
30x20
0.249
0.162
1.20
1.38
NRLF152M100V35X20F
1,500
35x20
0.177
0.115
1.50
1.73
NRLF221M160V22X20F
220
160
22x20
0.980
0.490
0.75
1.05
NRLF271M160V25X20F
270
25x20
0.798
0.399
0.87
1.22
NRLF391M160V30X20F
390
30x20
0.595
0.298
1.10
1.54
NRLF561M160V35X20F
560
35x20
0.414
0.207
1.30
1.82
NRLF151M200V22X20F
150
200
22x20
1.326
0.597
0.65
0.91
NRLF221M200V25X20F
220
25x20
0.904
0.407
0.87
1.22
NRLF331M200V30X20F
330
30x20
0.653
0.294
1.00
1.40
NRLF471M200V35X20F
470
35x20
0.459
0.206
1.30
1.82
NRLF121M250V22X20F
120
250
22x20
1.658
0.663
0.45
0.63
NRLF151M250V25X20F
150
25x20
1.326
0.531
0.65
0.91
NRLF221M250V30X20F
220
30x20
0.754
0.301
0.87
1.22
NRLF331M250V35X20F
330
35x20
0.553
0.221
1.10
1.54
NRLF470M400V22X20F
47
400
22x20
3.527
1.235
0.25
0.35
NRLF680M400V25X20F
68
25x20
2.926
1.024
0.35
0.49
NRLF101M400V30X20F
100
30x20
1.989
0.696
0.47
0.66
NRLF151M400V35X20F
150
35x20
1.326
0.464
0.60
0.84
NRLF330M450V22X20F
33
450
22x20
6.028
2.411
0.20
0.28
NRLF470M450V25X20F
47
25x20
4.233
1.693
0.29
0.41
NRLF680M450V30X20F
68
30x20
2.926
1.170
0.38
0.53
NRLF101M450V35X20F
100
35x20
1.989
0.796
0.52
0.73
NRLF 152 M 50V 22X20 S F
RoHS compliant
Optional 4mm Lead Length
Case Size (mm)
Voltage Rating
Tolerance Code
Capacitance Code
Series
PART NUMBER SYSTEM


Similar Part No. - NRLF271M160V25X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLF271M160V25X20F NIC-NRLF271M160V25X20F Datasheet
43Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLF271M160V25X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com