Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSA Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NRSA
Description  Aluminum Electrolytic Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSA Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NRSA_14 Datasheet HTML 7Page - NIC-Components Corp. NRSA_14 Datasheet HTML 8Page - NIC-Components Corp. NRSA_14 Datasheet HTML 9Page - NIC-Components Corp. NRSA_14 Datasheet HTML 10Page - NIC-Components Corp. NRSA_14 Datasheet HTML 11Page - NIC-Components Corp. NRSA_14 Datasheet HTML 12Page - NIC-Components Corp. NRSA_14 Datasheet HTML 13Page - NIC-Components Corp. NRSA_14 Datasheet HTML 14Page - NIC-Components Corp. NRSA_14 Datasheet HTML 15Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 
www.niccomp.com/pcn | Technical Support: tpmg@niccomp.com 
I S O 9 0 0 1: 2 0 0 8   R E G I S T E R E D
 
Voltage Rating 
Cap Value 
Discontinued Part Numbers 
Package Type 
63 VDC 
3300 uF 
NRSA332M63V22X42F 
Bulk 
63 VDC 
220uF 
NRSA221M63V10X20F 
Bulk 
63 VDC 
220uF 
NRSA221M63V10X20TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
1.0 uF 
NRSA1R0M100V5X11F 
Bulk 
100 VDC 
1.0 uF 
NRSA1R0M100V5X11TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
1.0 uF 
NRSA1R0M100V5X11TBF1F 
Tape and Box, Formed LS = 2.5mm = 0.10" 
100 VDC 
1.0 uF 
NRSA1R0M100V5X11TBSTF 
Tape and Box, Straight Leads 
100 VDC 
2.2 uF 
NRSA2R2M100V5X11F 
Bulk 
100 VDC 
2.2 uF 
NRSA2R2M100V5X11TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
2.2 uF 
NRSA2R2M100V5X11TBF1F 
Tape and Box, Formed LS = 2.5mm = 0.10" 
100 VDC 
2.2 uF 
NRSA2R2M100V5X11TBSTF 
Tape and Box, Straight Leads 
100 VDC 
3.3 uF 
NRSA3R3M100V5X11F 
Bulk 
100 VDC 
3.3 uF 
NRSA3R3M100V5X11TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
3.3 uF 
NRSA3R3M100V5X11TBF1F 
Tape and Box, Formed LS = 2.5mm = 0.10" 
100 VDC 
3.3 uF 
NRSA3R3M100V5X11TBSTF 
Tape and Box, Straight Leads 
100 VDC 
4.7 uF 
NRSA4R7M100V5X11F 
Bulk 
100 VDC 
4.7 uF 
NRSA4R7M100V5X11TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
4.7 uF 
NRSA4R7M100V5X11TBF1F 
Tape and Box, Formed LS = 2.5mm = 0.10" 
100 VDC 
4.7 uF 
NRSA4R7M100V5X11TBSTF 
Tape and Box, Straight Leads 
100 VDC 
10 uF 
NRSA100M100V6.3X11F 
Bulk 
100 VDC 
10 uF 
NRSA100M100V6.3X11TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
10 uF 
NRSA100M100V6.3X11TBSTF 
Tape and Box, Straight Leads 
100 VDC 
22 uF 
NRSA220M100V8X11.5F 
Bulk 
100 VDC 
22 uF 
NRSA220M100V8X11.5TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
22 uF 
NRSA220M100V8X11.5TBSTF 
Tape and Box, Straight Leads 
100 VDC 
33 uF 
NRSA330M100V10X12.5F 
Bulk 
100 VDC 
33 uF 
NRSA330M100V10X12.5TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
47 uF 
NRSA470M100V10X16F 
Bulk 
100 VDC 
47 uF 
NRSA470M100V10X16TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
100 uF 
NRSA101M100V12.5X20F 
Bulk 
100 VDC 
100 uF 
NRSA101M100V12.5X20TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
150 uF 
NRSA151M100V12.5X20F 
Bulk 
100 VDC 
150 uF 
NRSA151M100V12.5X20TBF 
Tape and Box, Formed LS = 5MM = 0.20" 
100 VDC 
220 uF 
NRSA221M100V16X25F 
Bulk 
100 VDC 
330 uF 
NRSA331M100V16X25F 
Bulk 
100 VDC 
470 uF 
NRSA471M100V16X31.5F 
Bulk 
 


Similar Part No. - NRSA_14

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSA100M100V10X12.5TRF NIC-NRSA100M100V10X12.5TRF Datasheet
168Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRSA100M100V10X20TRF NIC-NRSA100M100V10X20TRF Datasheet
168Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRSA100M100V12.5X20TRF NIC-NRSA100M100V12.5X20TRF Datasheet
168Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRSA100M100V16X25TRF NIC-NRSA100M100V16X25TRF Datasheet
168Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRSA100M100V16X31TRF NIC-NRSA100M100V16X31TRF Datasheet
168Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSA_14

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com