Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-JL4R7M50V5X11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-JL4R7M50V5X11F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-JL4R7M50V5X11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-JL4R7M50V5X11F Datasheet HTML 1Page - NIC-Components Corp. NRE-JL4R7M50V5X11F Datasheet HTML 2Page - NIC-Components Corp. NRE-JL4R7M50V5X11F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NRE-JL Series
Miniature Aluminum Electrolytic Capacitors
ULTRA LOW IMPEDANCE, RADIAL LEADS, POLARIZED, ALUMINUM ELECTROLYTIC
• VERY LOW IMPEDANCE & HIGH RIPPLE CURRENT
• LONG LIFE AT 105°C (4000 ~ 10,000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY FOR SWITCHING POWER SUPPLIES & CONVERTORS
FEATURES
CHARACTERISTICS
Rated Voltage Range
6.3 ~ 100Vdc
Capacitance Range
1.0 ~ 15,000
μF
Operating Temperature Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
After 2 Minutes at 20°C
0.01CV or 3
μA
whichever is greater
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
C < 1,000
μF
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
C = 2,200
μF
0.24
0.21
0.18
0.16
0.14
0.12
-
-
C = 3,300
μF
0.26
0.23
0.20
0.18
0.16
-
-
-
C = 4,700
μF
0.28
0.25
0.22
0.20
----
C = 6,800
μF
0.32
0.29
0.26
-
----
C = 10,000
μF
0.40
0.37
-
-
----
C = 15,000
μF
0.50
-
-
-
----
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
4
3
2
2
2
2
2
2
Z-40°C/Z+20°C
8
6
4
3
3
3
3
3
Load Life Hours
Load Life Test at Rated W.V. & 105°C
Case Diameter
Life Hours
6.3V to 10V
16V to 100V
φ5mm
4,000
5,000
φ6.3mm & φ8mm
6,000
7,000
φ10mm ~ φ16mm
8,000
10,000
Capacitance Change
Within ±25% (6.3V ±30%) of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
Shelf Life Test
105°C 1,000 Hours
No Load
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
NRE-JL 102 M 25V 10X20 TB F
TB = Tape & Box*
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF
Series
Case Size (mm)
RoHS Compliant
PART NUMBER SYSTEM
*see tape specification for details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NRE-JL4R7M50V5X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-JL4R7M100V5X11F NIC-NRE-JL4R7M100V5X11F Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRE-JL4R7M50V5X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG NIC-NRSG_14 Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com