Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRGB220M50V5x11F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRGB220M50V5x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRGB220M50V5x11F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRGB220M50V5x11F Datasheet HTML 1Page - NIC-Components Corp. NRGB220M50V5x11F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RIPPLE CURRENT FREQUECY CORRECTION FACTOR
Frequency (Hz)
Cap. (
μF)
120
1K
10K
100K
Multiplier
1.0 ~ 10
0.42
0.60
0.80
1.00
22 ~ 33
0.55
0.75
0.90
1.00
47 ~ 330
0.70
0.85
0.95
1.00
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRGB101M10V5x11F
100
10
0.45
130
7.46
10,000
NRGB221M10V6.3x11F
220
0.45
210
3.39
10,000
NRGB331M10V8x11.5F
330
0.45
330
2.26
10,000
NRGB470M16V5x11F
47
16
0.35
130
12.4
10,000
NRGB101M16V6.3x11F
100
0.35
210
5.81
10,000
NRGB221M16V8x11.5F
220
0.35
330
2.64
10,000
NRGB330M25V5x11F
33
25
0.30
130
15.1
10,000
NRGB470M25V5x11F
47
0.30
130
10.6
10,000
NRGB101M25V6.3x11F
100
0.30
210
4.98
10,000
NRGB330M35V5x11F
33
35
0.22
130
11.1
10,000
NRGB470M35V6.3x11F
47
0.22
210
7.76
10,000
NRGB101M35V8x11.5F
100
0.22
330
3.65
10,000
NRGB1R0M50V5x11F
1.0
50
0.19
25
315.2
10,000
NRGB2R2M50V5x11F
2.2
0.19
35
143.3
10,000
NRGB3R3M50V5x11F
3.3
0.19
70
95.5
10,000
NRGB4R7M50V5x11F
4.7
0.19
80
67.1
10,000
NRGB100M50V5x11F
10
0.19
90
31.5
10,000
NRGB220M50V5x11F
22
0.19
110
14.3
10,000
NRGB330M50V6.3x11F
33
0.19
190
9.55
10,000
NRGB470M50V6.3x11F
47
0.19
190
6.71
10,000
NRGB101M50V8x11.5F
100
0.19
270
3.15
10,000
NRGB100M63V5x11F
10
63
0.17
80
28.2
10,000
NRGB220M63V6.3x11F
22
0.17
170
12.8
10,000
NRGB330M63V6.3x11F
33
0.17
170
8.54
10,000
NRGB470M63V8x11.5F
47
0.17
240
6.00
10,000
NRGB1R0M100V5x11F
1.0
100
0.15
40
248.8
10,000
NRGB2R2M100V5x11F
2.2
0.15
50
113.1
10,000
NRGB3R3M100V5x11F
3.3
0.15
60
75.4
10,000
NRGB4R7M100V5x11F
4.7
0.15
70
52.9
10,000
NRGB100M100V6.3x11F
10
0.15
150
24.9
10,000
NRGB220M100V8x11.5F
22
0.15
230
11.3
10,000
Miniature Aluminum Electrolytic Capacitors
NRGB Series
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)


Similar Part No. - NRGB220M50V5x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRGB220M50V5X11F NIC-NRGB220M50V5X11F Datasheet
172Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRGB220M50V5x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com