Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-HW151M250V18x36F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-HW151M250V18x36F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-HW151M250V18x36F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-HW151M250V18x36F Datasheet HTML 1Page - NIC-Components Corp. NRE-HW151M250V18x36F Datasheet HTML 2Page - NIC-Components Corp. NRE-HW151M250V18x36F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRE-HW1R0M160V5x11F
1.0
160
0.20
15
332
1,000
NRE-HW2R2M160V6.3x11F
2.2
0.20
22
151
1,000
NRE-HW3R3M160V6.3x11F
3.3
0.20
28
101
1,000
NRE-HW4R7M160V6.3x11F
4.7
0.20
39
70.6
1,000
NRE-HW100M160V8x11.5F
10
0.20
63
33.2
1,000
NRE-HW220M160V10x12.5F
22
0.20
107
15.1
2,000
NRE-HW330M160V10x20F
33
0.20
137
10.1
2,000
NRE-HW470M160V12.5x20F
47
0.20
172
7.06
2,000
NRE-HW680M160V12.5x20F
68
0.20
217
4.88
2,000
NRE-HW820M160V12.5X25F
82
0.20
270
4.05
2,000
NRE-HW101M160V12.5x25F
100
0.20
287
3.32
2,000
NRE-HW151M160V16x31F
150
0.20
385
2.21
2,000
NRE-HW221M160V16x36F
220
0.20
522
1.51
2,000
NRE-HW331M160V18x41F
330
0.20
560
1.01
2,000
NRE-HW1R0M200V5x11F
1.0
200
0.20
16
332
1,000
NRE-HW2R2M200V6.3x11F
2.2
0.20
24
151
1,000
NRE-HW3R3M200V6.3x11F
3.3
0.20
32
101
1,000
NRE-HW4R7M200V8x11.5F
4.7
0.20
40
70.6
1,000
NRE-HW100M200V8x12.5F
10
0.20
64
33.2
1,000
NRE-HW220M200V10x16F
22
0.20
112
15.1
2,000
NRE-HW330M200V10x20F
33
0.20
147
10.1
2,000
NRE-HW470M200V12.5x20F
47
0.20
175
7.06
2,000
NRE-HW680M200V12.5x25F
68
0.20
228
4.88
2,000
NRE-HW101M200V16x25F
100
0.20
301
3.32
2,000
NRE-HW151M200V16x36F
150
0.20
403
2.21
2,000
NRE-HW221M200V18x36F
220
0.20
532
1.51
2,000
NRE-HW1R0M250V5x11F
1.0
250
0.20
18
332
1,000
NRE-HW2R2M250V6.3x11F
2.2
0.20
25
151
1,000
NRE-HW3R3M250V8x11.5F
3.3
0.20
34
101
1,000
NRE-HW4R7M250V8x11.5F
4.7
0.20
41
70.6
1,000
NRE-HW100M250V10x12.5F
10
0.20
66
33.2
2,000
NRE-HW220M250V10x20F
22
0.20
119
15.1
2,000
NRE-HW330M250V12.5x20F
33
0.20
154
10.1
2,000
NRE-HW470M250V12.5x25F
47
0.20
182
7.06
2,000
NRE-HW680M250V16x25F
68
0.20
235
4.88
2,000
NRE-HW820M250V16X31.5F
82
0.20
284
4.05
2,000
NRE-HW820M250V18X25F
82
0.20
284
4.05
2,000
NRE-HW101M250V16x36F
100
0.20
302
3.32
2,000
NRE-HW151M250V18x36F
150
0.20
412
2.21
2,000
NRE-HW1R0M350V6.3x11F
1.0
350
0.25
20
415
1,000
NRE-HW2R2M350V8x11.5F
2.2
0.25
28
188
1,000
NRE-HW3R3M350V8x12.5F
3.3
0.25
36
126
1,000
NRE-HW4R7M350V10x12.5F
4.7
0.25
47
86.2
2,000
NRE-HW100M350V10x20F
10
0.25
70
41.5
2,000
NRE-HW220M350V12.5x25F
22
0.25
123
18.8
2,000
NRE-HW330M350V16x25F
33
0.25
158
12.6
2,000
NRE-HW470M350V16x31F
47
0.25
182
8.82
2,000
NRE-HW680M350V16x36F
68
0.25
242
6.10
2,000
NRE-HW820M350V18X35.5F
82
0.25
294
5.06
2,000
NRE-HW101M350V18x41F
100
0.25
308
4.15
2,000
NRE-HW1R0M400V8x11.5F
1.0
400
0.25
20
415
1,000
NRE-HW2R2M400V8x11.5F
2.2
0.25
28
188
1,000
NRE-HW3R3M400V10x12.5F
3.3
0.25
36
126
2,000
NRE-HW4R7M400V10x16F
4.7
0.25
47
86.2
2,000
NRE-HW100M400V10x20F
10
0.25
70
41.5
2,000
Miniature Aluminum Electrolytic Capacitors
NRE-HW Series
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
For Automotive Applications see part number system


Similar Part No. - NRE-HW151M250V18x36F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-HW151M200V16x36F NIC-NRE-HW151M200V16x36F Datasheet
142Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-HW151M250V18x36F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com