Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-HS101M50V8x9F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-HS101M50V8x9F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-HS101M50V8x9F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-HS101M50V8x9F Datasheet HTML 1Page - NIC-Components Corp. NRE-HS101M50V8x9F Datasheet HTML 2Page - NIC-Components Corp. NRE-HS101M50V8x9F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRE-HS Series
Rated Voltage Range
6.3 ~ 50Vdc
160 ~ 250Vdc
350 ~ 450Vdc
Capacitance Range
100 ~ 10,000
μF
4.7 ~ 220
μF
1.5 ~ 68
μF
Operating Temperature Range
-55 ~ +105°C
-40 ~ +105°C
-25 ~ +105°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current @ 20°C
6.3 ~ 50Vdc
160 ~ 450Vdc
0.01CV or 3
μA
whichever is greater
after 2 minutes
CV<1,000
μF
CV>1,000
μF
0.1CV + 40
μA (1 min.)
0.04CV + 100
μA (1 min.)
.03CV + 15
μA (5 min.)
0.02CV + 25
μA (5 min.)
Max. Tan
δ @
120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
160
200
250
350
400
450
S.V. (Vdc)
8.0
13
20
32
44
63
200
250
300
400
450
500
C<1,000
μF
0.30
0.26
0.20
0.18
0.14
0.12
0.20
0.20
0.20
0.20
0.20
0.25
W.V. (Vdc)
6.3
10
16
25
35
50
160
200
250
350
400
450
C<1,000
μF
0.26
0.22
0.18
0.16
0.14
0.12
0.20
0.20
0.20
0.20
0.20
0.25
C=2,000
μF
0.28
0.24
0.20
0.18
0.16
014
-
-
-
-
-
-
C=3,300
μF
0.30
0.26
0.22
0.20
0.18
-
-
-
-
-
-
-
C=4,700
μF
0.32
0.28
0.24
0.22
-
-
-
-
-
-
-
-
C=6,800
μF
0.36
0.32
0.28
-
-
-
-
-
-
-
-
-
C=10,000
μF 0.44
0.40
-
-
-
-
-
-
-
-
-
-
Low Temperature
Stability Inpedance
Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
160
200
250
350
400
450
Z-25°C/Z+20°C
4
3
2
2
2
2
3
3
3
6
6
6
Z-40°C/Z+20°C
8
6
4
4
3
3
-
-
-
-
-
-
Load Life Test
at Rated W.V.
+105°C 2,000 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
HIGH CV, HIGH TEMPERATURE ,RADIAL LEADS, POLARIZED
FEATURES
• EXTENDED VALUE AND HIGH VOLTAGE
• NEW REDUCED SIZES
CHARACTERISTICS
Cap.
(
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
160
200
250
350
400
450
1.5
1R5
-----------
8x9
2.2
2R2
----------
8x9
10x9
3.3
3R3
---------
8x9
10x9
-
4.7
4R7
-
-
-
-
-
-
8x9
8x9
8x9
10x9
10x9
-
6.8
6R8
-
-
-
-
-
-
8x9
8x9
10x9
12.5x16 12.5x16 12.5x16
10
100
-
-
-
-
-
-
10x9
10x9
-
12.5x16 12.5x16
16x16
22
220
-------
12.5x16 12.5x16
18x16
16x20
16x20
33
330
-
-
-
-
-
-
12.5x16 12.5x16
16x16
16x20
16x20
18x25
47
470
-
-
-
-
-
-
16x16
16x16
18x16
18x20
18x20
18x25
68
680
-
-
-
-
-
-
18x16
16x20
16x20
18x25
-
-
100
101
-
-
-
-
-
8x9
16x20
16x20
18x25
-
-
-
150
151
-
-
-
-
8x9
10x9
18x20
18x25
-
-
-
-
220
221
-
-
-
8x9
10x9
-
18x25
-
-
-
-
-
330
331
-
-
8x9
10x9
10x9
-------
470
471
8x9
8x9
8x9
10x9
-
12.5x16
-
-
-
-
-
-
680
681
8x9
10x9
10x9
12.5x16 12.5x16
16x16
-
-
-
-
-
-
1000
102
10x9
10x9
-
12.5x16
16x16
16x20
-
-
-
-
-
-
2200
222
12.5x16 12.5x16
16x16
16x20
18x20
18x25
-
-
-
-
-
-
3300
332
16x16
16x16
16x20
18x20
18x25
-------
4700
472
18x16
16x20
18x20
18x25
--------
6800
682
16x20
18x20
18x25
---------
10000
103
18x20
18x25
-
---------
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
8
10
12.5
16
18
Lead Dia. (d
φ)
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
*See Part Number System for Details
P
N
bS
fD
il
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NRE-HS101M50V8x9F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-HS101M250V18x25F NIC-NRE-HS101M250V18x25F Datasheet
92Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-HS101M50V8x9F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com