Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-JL102M16V10X16F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-JL102M16V10X16F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-JL102M16V10X16F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-JL102M16V10X16F Datasheet HTML 1Page - NIC-Components Corp. NRE-JL102M16V10X16F Datasheet HTML 2Page - NIC-Components Corp. NRE-JL102M16V10X16F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NRE-JL Series
Miniature Aluminum Electrolytic Capacitors
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mArms)
+105°C/100KHz
Max. Z (
Ω) 100KHz
Load Life Hours
@+105°C
+20°C
-10°C
NRE-JL101M6.3V5X11F
100
6.3
0.22
150
0.90
3.6
4,000
NRE-JL221M6.3V5X11F
220
0.22
250
0.40
1.2
4,000
NRE-JL331M6.3V6.3X11F
330
0.22
340
0.22
0.87
6,000
NRE-JL471M6.3V6.3X11F
470
0.22
400
0.22
0.87
6,000
NRE-JL102M6.3V8X11.5F
1000
0.22
640
0.13
0.52
6,000
NRE-JL222M6.3V10X16F
2200
0.24
1300
0.062
0.25
8,000
NRE-JL332M6.3V10X20F
3300
0.26
1400
0.046
0.18
8,000
NRE-JL472M6.3V12.5X25F 4700
0.28
2230
0.032
0.11
8,000
NRE-JL682M6.3V12.5X25F 6800
0.32
2230
0.032
0.11
8,000
NRE-JL103M6.3V16X25F 10000
0.40
2930
0.021
0.060
8,000
NRE-JL153M6.3V16X35.5F 15000
0.50
3610
0.015
0.044
8,000
NRE-JL101M10V5X11F
100
10
0.19
150
0.9
3.6
4,000
NRE-JL221M10V5X11F
220
0.19
250
0.4
1.2
4,000
NRE-JL331M10V6.3X11F
330
0.19
400
0.22
0.87
6,000
NRE-JL471M10V6.3X11F
470
0.19
400
0.22
0.87
6,000
NRE-JL102M10V10X12.5F 1000
0.19
865
0.080
0.32
8,000
NRE-JL222M10V10X20F
2200
0.21
1400
0.046
0.18
8,000
NRE-JL332M10V12.5X20F 3300
0.23
1900
0.041
0.14
8,000
NRE-JL472M10V12.5X25F 4700
0.25
2230
0.032
0.11
8,000
NRE-JL682M10V16X25F
6800
0.29
2930
0.021
0.060
8,000
NRE-JL103M10V16X31.5F 10000
0.37
3450
0.019
0.056
8,000
NRE-JL470M16V5X11F
47
16
0.16
250
0.40
1.2
5,000
NRE-JL101M16V5X11F
100
0.16
250
0.40
1.2
5,000
NRE-JL221M16V6.3X11F
220
0.16
400
0.22
0.87
7,000
NRE-JL331M16V6.3X11F
330
0.16
400
0.22
0.87
7,000
NRE-JL471M16V8X11.5F
470
0.16
640
0.13
0.52
7,000
NRE-JL102M16V10X16F
1000
0.16
1210
0.062
0.25
10,000
NRE-JL222M16V12.5X20F 2200
0.18
1900
0.041
0.14
10,000
NRE-JL332M16V12.5X25F 3300
0.20
2230
0.032
0.11
10,000
NRE-JL472M16V16X25F
4700
0.22
2930
0.021
0.060
10,000
NRE-JL682M16V16X31.5F 6800
0.26
3450
0.019
0.056
10,000
NRE-JL330M25V5X11F
33
25
0.14
250
0.40
1.2
5,000
NRE-JL470M25V5X11F
47
0.14
250
0.40
1.2
5,000
NRE-JL101M25V5X11F
100
0.14
250
0.40
1.2
5,000
NRE-JL221M25V6.3X11F
220
0.14
400
0.22
0.87
7,000
NRE-JL331M25V8X11.5F
330
0.14
640
0.13
0.52
7,000
NRE-JL471M25V10X12.5F
470
0.14
865
0.080
0.32
10,000
NRE-JL102M25V10X20F
1000
0.14
1400
0.046
0.18
10,000
NRE-JL222M25V12.5X25F 2200
0.16
2230
0.032
0.11
10,000
NRE-JL332M25V16X25F
3300
0.18
2930
0.021
0.060
10,000
NRE-JL472M25V16X31.5F 4700
0.20
3450
0.019
0.056
10,000
NRE-JL330M35V5X11F
33
35
0.12
250
0.40
1.2
5,000
NRE-JL470M35V5X11F
47
0.12
250
0.40
1.2
5,000
NRE-JL101M35V6.3X11F
100
0.12
400
0.22
0.87
7,000
NRE-JL221M35V8X11.5F
220
0.12
640
0.13
0.52
7,000
NRE-JL331M35V10X12.5F
330
0.12
865
0.080
0.32
10,000
NRE-JL471M35V10X16F
470
0.12
1210
0.062
0.25
10,000
NRE-JL102M35V12.5X20F 1000
0.12
1900
0.041
0.14
10,000
NRE-JL222M35V16X25F
2200
0.14
2930
0.021
0.060
10,000
NRE-JL332M35V16X31.5F 3300
0.16
3450
0.019
0.056
10,000
NRE-JL1R0M50V5X11F
1.0
50
0.10
30
4.0
8.0
5,000
NRE-JL2R2M50V5X11F
2.2
0.10
43
2.5
6.0
5,000
NRE-JL3R3M50V5X11F
3.3
0.10
53
2.2
5.6
5,000
NRE-JL4R7M50V5X11F
4.7
0.10
88
1.9
5.0
5,000
NRE-JL100M50V5X11F
10
0.10
100
1.5
4.0
5,000
NRE-JL220M50V5X11F
22
0.10
180
0.70
2.8
5,000
NRE-JL330M50V5X11F
33
0.10
250
0.70
2.8
5,000
NRE-JL470M50V6.3X11F
47
0.10
295
0.30
1.2
7,000
NRE-JL101M50V8X11.5F
100
0.10
555
0.17
0.68
7,000
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)


Similar Part No. - NRE-JL102M16V10X16F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-JL102M10V10X12.5F NIC-NRE-JL102M10V10X12.5F Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRE-JL102M16V10X16F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG NIC-NRSG_14 Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com