Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NREL471M10V10x95F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NREL471M10V10x95F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NREL471M10V10x95F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NREL471M10V10x95F Datasheet HTML 1Page - NIC-Components Corp. NREL471M10V10x95F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
LOW PROFILE, RADIAL LEAD, POLARIZED
FEATURES
• LOW PROFILE APPLICATIONS
• HIGH STABILITY AND PERFORMANCE
NRE-L Series
CHARACTERISTICS
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
LEAD SPACING AND DIAMETER (mm)
Cap (
μF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
22
220
-
-
-
-
-
-
-
10x9.5
100
101
-
-
-
-
10x9.5 10x9.5
-
16x16
220
221
-
-
10x9.5
10x9.5
-
-
-
18x21
330
331
-
10x9.5
10x9.5 10x12.5 12.5x16 16x16 16x16
-
470
471
-
10x9.5
-
12.5x16 16x16
16x16 16x21
-
1,000
102
-
12.5x16 12.5x16
16x16
18x21
-
-
-
2,200
222
16x16
16x16
16x16
16x21
-
-
-
-
3,300
332
18x21
18x21
-
-
-
-
-
-
4,700
472
18x21
18x21
-
-
-
-
-
-
PART NUMBERING SYSTEM
Size (D
∅ x L)
Tape and Box*
Series
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
NRE-L 471 M 35V 16X16 TB F
*see taping specifications for details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
6.3 ~ 100Vdc
Capacitance Range
22 ~ 4,700
μF
Operating Temperature Range
-40 ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current @ +20°C
After 1 min.
0.03CV or 4
μA, whichever is greater
After 2 min.
0.01CV or 3
μA, whichever is greater
Max. Tan
δ @ 120Hz/+20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
C < 1,000
μF
0.24
0.20
0.16
0.14
0.12
0.10
0.09
0.08
C = 2,200
μF
0.26
0.22
0.18
0.16
----
C = 3,300
μF
0.28
0.24
-
-
----
C = 4,700
μF
0.30
0.26
-
-
----
Low Temperature Stability
Inpedance Ratio @ 120Hz
Z-25°C/Z+20°C
43322222
Z-40°C/Z+20°C
10
8643333
Load Life Test at Rated W.V. and +85°C
3,000 Hours
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Case Dia. (D
φ)
10
12.5
16
18
Lead Dia. (d
φ)
0.6
0.6
0.8
0.8
Lead Spacing (F)
5.0
5.0
7.5
7.5
Dim.
α
0.5
0.5
0.5
0.5
dim.
β
1.5
1.5
2.0
2.0
*See Part Number System for Details
P
N
bS
fD
il
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NREL471M10V10x95F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREL471M10010X9.5TRF NIC-NREL471M10010X9.5TRF Datasheet
138Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NREL471M10012.5X16TRF NIC-NREL471M10012.5X16TRF Datasheet
138Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NREL471M10016X16TRF NIC-NREL471M10016X16TRF Datasheet
138Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NREL471M10018X21TRF NIC-NREL471M10018X21TRF Datasheet
138Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NREL471M1010X9.5TRF NIC-NREL471M1010X9.5TRF Datasheet
138Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NREL471M10V10x95F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com