Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1532 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FIN1532
Description  5V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1532 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FIN1532 Datasheet HTML 1Page - Fairchild Semiconductor FIN1532 Datasheet HTML 2Page - Fairchild Semiconductor FIN1532 Datasheet HTML 3Page - Fairchild Semiconductor FIN1532 Datasheet HTML 4Page - Fairchild Semiconductor FIN1532 Datasheet HTML 5Page - Fairchild Semiconductor FIN1532 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 5V.
Note 4: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc-
tion.
Note 5: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Note 6: fMAX Criteria: Input tR = tF < 1 ns, VID = 300 mV, (1.05V to 1.35V pp), 50% duty cycle; Output duty cycle 40% to 60%, VOL < 0.5V, VOH > 2.4V.
All channels switching in phase.
Note A: All input pulses have frequency
= 10 MHz, t
R or tF = 1 ns
Note B: CL includes all probe and jig capacitances
FIGURE 1. Differential Receiver Voltage Definitions and Propagation Delay
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLH
Propagation Delay
1.0
2.0
3.0
ns
LOW-to-HIGH
tPHL
Propagation Delay
1.0
2.0
3.0
ns
HIGH-to-LOW
|VID| = 400 mV, CL = 10 pF, RL = 1kΩ
tTLH
Output Rise Time (20% to 80%)
See Figure 1 and Figure 2
1.3
ns
tTHL
Output Fall Time (80% to 20%)
1.1
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.2
0.5
ns
tSK(LH),
Channel-to-Channel Skew
0.1
0.3
ns
tSK(HL)
(Note 4)
tSK(PP)
Part-to-Part Skew (Note 5)
1.0
ns
fMAX
Maximum Operating Frequency
RL = 1kΩ, CL = 10 pF,
200
260
MHz
(Note 6)
See Figure 1 and Figure 2
tZH
LVTTL Output Enable Time from Z to HIGH RL = 1kΩ, CL = 10 pF,
8
12.0
ns
tZL
LVTTL Output Enable Time from Z to LOW
See Figure 3 and Figure 4
8
12.0
ns
tHZ
LVTTL Output Disable Time from HIGH to Z
4
8.0
ns
tLZ
LVTTL Output Disable Time from LOW to Z
4
8.0
ns


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn