Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZT680M50V8X105NBF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NAZT680M50V8X105NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZT680M50V8X105NBF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NAZT680M50V8X105NBF Datasheet HTML 1Page - NIC-Components Corp. NAZT680M50V8X105NBF Datasheet HTML 2Page - NIC-Components Corp. NAZT680M50V8X105NBF Datasheet HTML 3Page - NIC-Components Corp. NAZT680M50V8X105NBF Datasheet HTML 4Page - NIC-Components Corp. NAZT680M50V8X105NBF Datasheet HTML 5Page - NIC-Components Corp. NAZT680M50V8X105NBF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Voltage
Diameter
Time above
200°C
Time above
217°C
Time above
230°C
Peak Temperature
5 seconds
6.3 ~ 50V
4 ~ 8mm
φ
80 sec. max.
70 sec. max.
40 sec. max.
See Part Number
Suffix and Peak
Reflow Temperature
Table
10x8
50 sec. max.
40 sec. max.
20 sec. max.
10mm
φ
70 sec. max.
60 sec. max.
40 sec. max.
12.5mm
φ
60 sec. max.
50 sec. max.
30 sec. max.
16 ~ 18mm
φ
50 sec. max.
40 sec. max.
20 sec. max.
63V
6.3mm
φ
70 sec. max.
60 sec. max.
40 sec. max
10 ~ 12.5mm
φ
50 sec. max.
40 sec. max.
20 sec. max.
16 ~ 18mm
φ
50 sec. max.
40 sec. max.
15 sec. max.
80V, 100V
10mm
φ
50 sec. max.
40 sec. max.
20 sec. max.
12.5mm
φ
50 sec. max.
40 sec. max.
20 sec. max.
16 ~ 18mm
φ
45 sec. max.
30 sec. max.
10 sec. max.
REFLOW TEMPERATURES AND DURATION
Capacitors can withstand two times reflow at the above conditions.
Second reflow shall be at least one hour after natural cool to room
temperature.
Code
Peak Reflow
Temperature
N
260°C
L
250°C
K
245°C
J
240°C
H
235°C
Code
Finish & Reel Size
B
Sn-Bi Finish & 13" Reel
LB
Sn-Bi Finish & 15" Reel
S
100% Sn Finish & 13" Reel
LS
100% Sn Finish & 15" Reel
PEAK REFLOW
TEMPERATURE CODES
TERMINATION FINISH &
PACKAGING OPTIONS CODES
Note: 16mm & 18mm diameter
parts are only available with Sn
finish.
Surface Mount Aluminum Electrolytic Capacitors
NAZT Series
Time Above
200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
Time Above
217°C
(see table)
Case Size
a
b
c
4x6.3
1.0
2.6
1.8
5x6.3
1.4
3.0
1.8
6x3x6.3
6.3x8
2.1
3.5
1.8
8x10.5
2.8
4.1
2.1
10x8
10x10.5
4.3
4.4
2.5
12.5x14
4.3
5.8
2.5
16x17
6.6
6.5
5.0
18x17.5
6.6
7.7
5.0
18x22
6.6
7.7
5.0
a
c
b
STANDARD TERMINAL
LAND PATTERN DIMENSIONS (mm)
C
W
P
A
R
R
T
B
Case Size
D
φ ±0.5
L
A, B
C ±0.2 P ±0.2
W
R
T
8x10.5WT
8.0
10.5 ± 0.5
8.3 ± 0.2
9.0
3.2
0.7 ~ 1.0 (0.7) (1.3)
10x10.5WT
10.0
10.5 ± 0.5
10.3 ± 0.2
11.0
4.6
1.0 ~ 1.4 (0.7) (1.3)
10x14WT
10.0
14.0 +0.5/-1.5 10.3 ± 0.2
11.0
4.6
1.0 ~ 1.4 (0.7) (1.3)
12.5x14WT
12.5
14.0 +0.5/-1.5 13.5 ± 0.2
14.2
4.6
1.0 ~ 1.4 (2.2) (2.4)
16x17WT
16.0
17.0 +0.5/-1.5 17.0 ± 0.2
18.0
7.0
1.8 ~ 2.1 (3.0) (2.0)
18x17.5WT
18.0
17.5 +0/-2.0
19.0 ± 0.2
20.0
7.0
1.7 ~ 2.1 (3.0) (2.0)
18x22WT
18.0
22.0 +0/-2.0
19.0 ± 0.2
20.0
7.0
1.7 ~ 2.1 (3.0) (2.0)
WIDE TERMINATION (WT) DIM. (mm)
Case Size
a
b
c
8x10.5WT
2.5
4.5
4.7
10x10.5WT
3.8
4.8
4.7
10x10.5WT
3.8
4.8
4.7
12.5x14WT
3.8
6.1
6.9
16x17WT
5.0
8.0
9.5
18x17.5WT
5.0
8.6
9.5
18x22WT
5.0
8.6
9.5
WT LAND PATTERN DIM. (mm)
a
c
b
Termination deflection:
WT = 0.15mm max. from
bottom of support terminals
D
φ
L
WT
Anti-Vibration
Skirt
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL


Similar Part No. - NAZT680M50V8X105NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZT680M50V8X10.5NBF NIC-NAZT680M50V8X10.5NBF Datasheet
55Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZT680M50V8X105NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com