Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C056V-15AC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C056V-15AC
Description  3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C056V-15AC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C056V-15AC Datasheet HTML 2Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C056V-15AC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CY7C056V
CY7C057V
6
PRELIMINARY
Shaded areas contain advance information.
Notes:
7.
Cross Levels are VDD – 0.2V< VZ<0.2V.
8.
Deselection for a port occurs if CE0 is HIGH or if CE1 is LOW.
9.
fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except Output Enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level
standby ISB3.
10. Tested initially and after any design or process changes that may affect these parameters.
Electrical Characteristics Over the Operating Range [7, 8]
Parameter
Description
CY7C056V
CY7C057V
-10
-12
-15
-20
VOH
Output HIGH Voltage
(VDD = Min., IOH = –4.0 mA)
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage
(VDD = Min., IOL = +4.0 mA)
0.4
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
IOZ
Output Leakage Current
-10
10
–10
10
–10
10
–10
10
µA
ICC
Operating Current (VDD =
Max., IOUT = 0 mA) Outputs
Disabled
Com’l.
260
410
250 385
240
360
230
340 mA
Indust.
265
385
mA
ISB1
Standby Current (Both Ports
TTL Level and Deselected)
f = fMAX
Com’l.
60
80
55
75
50
70
45
65
mA
Indust.
65
95
mA
ISB2
Standby Current (One Port
TTL Level and Deselected)
f = fMAX
Com’l.
185
250
180 240
175
230
165
210 mA
Indust.
190
255
mA
ISB3
Standby Current (Both Ports
CMOS Level and Deselect-
ed) f =0
Com’l.
0.01
1
0.01
1
0.01
1
0.01
1
mA
Indust.
0.01
1
mA
ISB4
Standby Current (One Port
CMOS Level and Deselect-
ed) f = fMAX
[9]
Com’l.
170
220
160 210
155
200
145
180 mA
Indust.
170
215
mA
Capacitance[10]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 3.3V
10
pF
COUT
Output Capacitance
10
pF


Similar Part No. - CY7C056V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V-15AC CYPRESS-CY7C056V-15AC Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V-15AC CYPRESS-CY7C056V-15AC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results

Similar Description - CY7C056V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com