Electronic Components Datasheet Search |
|
NAZT101M25V63X8NBF Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NAZT101M25V63X8NBF Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 6 page 1 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Surface Mount Aluminum Electrolytic Capacitors NAZT Series FEATURES • CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING • AVAILABLE WITH ANTI-VIBRATION WIDE TERMINATIONS • VERY LOW IMPEDANCE & HIGH RIPPLE CURRENT AT 100KHz • EXTENDED LOAD LIFE (2,000 ~ 5,000 HOURS @ +105°C) • SUITABLE FOR DC-DC CONVERTER, DC-AC INVERTER, ETC. • DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING • MEETS THE REQUIREMENTS OF AEC-Q200* *Contact NIC for supporting test data CHARACTERISTICS LOW ESR COMPONENT LIQUID ELECTROLYTE For Performance Data see www.LowESR.com Rated Voltage Rating 6.3 ~ 100Vdc Rated Capacitance Range 4.7 ~ 12,000 μF Operating Temp. Range -55 ~ +105°C Capacitance Tolerance ±20% (M) Max. Leakage Current After 2 Miuntes @ 20°C 0.01CV or 3 μA whichever is greater Tan δ @ 120Hz/20°C W.V. (Vdc) 6.3 10 16 25 35 50 63 80 100 S.V. (Vdc) 8.0 13 20 32 44 63 79 100 125 4 ~ 6.3mm diameter 0.26 0.20 0.16 0.14 0.12 0.12 0.08 - - 8 ~ 18mm diameter 0.28 0.24 0.22 0.16 0.14 0.14 0.08 0.08 0.07 Low Temperature Stability Impedance Ratio @ 120Hz W.V. (Vdc) 6.3 10 16 25 35 50 63 80 100 Z-40°C/Z+20°C 333333222 Z-55°C/Z+20°C 444333333 Load Life Test @ 105°C 4 ~ 6mm Dia. 2,000 hours 10x8mm Case Size 2,000 hours 8 ~ 18mm Dia. 5,000 hours Capacitance Change Within ±30% of initial measured value Tan δ Less than ±300% of the specified maximum value Leakage Current Less than the specified maximum value Cap. ( μF) Code Working Voltage (Vdc) 6.3 10 16 25 35 50 63 80 100 4.7 4R7 ---- 4x6.3 4x6.3 - - - 10 100 - - - 4x6.3 5x6.3 6.3x6.3 6.3x6.3 - - 15 150 - - 4x6.3 5x6.3 5x6.3 6.3x6.3 - - - 22 220 - 4x6.3 5x6.3 5x6.3 5x6.3 6.3x6.3 6.3x8 - - 27 270 4x6.3 5x6.3 5x6.3 6.3x6.3 6.3x6.3 6.3x8 - - - 33 330 5x6.3 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 - - 10x10.5 47 470 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 10x8 10x10.5 12.5x14 56 560 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 8x10.5 - - - 68 680 6.3x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 8x10.5 - - 12.5x14 100 101 5x6.3 6.3x6.3 6.3x6.3 6.3x8 6.3x8 8x10.5 12.5x14 12.5x14 16x17 6.3x6.3 8x10.5 10x8 150 151 6.3x6.3 6.3x6.3 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 12.5x14 16x17 10x8 220 221 6.3x6.3 6.3x8 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 - 18x17.5 10x8 330 331 6.3x8 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 16x17 16x17 18x22 10x8 470 471 8x10.5 8x10.5 8x10.5 10x10.5 10x14 16x17 16x17 18x17.5 - 10x8 12.5x14 680 681 8x10.5 10x10.5 10x10.5 10x14 12.5x14 16x17 18x17.5 - - 10x8 12.5x14 1000 102 8x10.5 10x10.5 10x14 12.5x14 16x17 16x17 18x22 - - 12.5x14 1200 122 ----- 18x17.5 - - - 1500 152 10x10.5 10x14 12.5x14 16x17 16x17 18x22 - - - 12.5x14 2200 222 12.5x14 12.5x14 - 16x17 18x17.5 - - - - 2700 272 ---- 18x22 - - - - 3300 332 - - 16x17 18x17.5 - - - - - 3900 392 - - - 18x22 - - - - - 4700 472 - 16x17 18x17.5 - - - - - - 5600 562 - - 18x22 - - - - - - 6800 682 16x17 18x17.5 - - - - - - - 8200 822 18x17.5 18x22 - - - - - - - 10000 103 18x17.5 - - - - - - - - 12000 123 18x22 - - - - - - - - STANDARD VALUES AND CASE SIZES (mm) SAC Alloy Compatible 230°C ~ 260°C *See Part Number System for Details RoHS Compliant includes all homogeneous materials |
Similar Part No. - NAZT101M25V63X8NBF |
|
Similar Description - NAZT101M25V63X8NBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |