Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2291FI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2291FI
Description  Three-PLL General Purpose EPROM Programmable Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2291FI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2291FI Datasheet HTML 3Page - Cypress Semiconductor CY2291FI Datasheet HTML 4Page - Cypress Semiconductor CY2291FI Datasheet HTML 5Page - Cypress Semiconductor CY2291FI Datasheet HTML 6Page - Cypress Semiconductor CY2291FI Datasheet HTML 7Page - Cypress Semiconductor CY2291FI Datasheet HTML 8Page - Cypress Semiconductor CY2291FI Datasheet HTML 9Page - Cypress Semiconductor CY2291FI Datasheet HTML 10Page - Cypress Semiconductor CY2291FI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY2291
7
Switching Characteristics, Commercial 5.0V
Parameter
Name
Description
Min.
Typ.
Max.
Unit
t1
Output Period
Clock output range,
5V operation
CY2291
10
(100 MHz)
13000
(76.923 kHz)
ns
CY2291F
11.1
(90 MHz)
13000
(76.923 kHz)
ns
Output Duty
Cycle[11]
Duty cycle for outputs, defined as t2 ÷ t1
[12]
fOUT > 66 MHZ
40%
50%
60%
Duty cycle for outputs, defined as t2 ÷ t1
[12]
fOUT < 66 MHZ
45%
50%
55%
t3
Rise Time
Output clock rise time[13]
35
ns
t4
Fall Time
Output clock fall time[13]
2.5
4
ns
t5
Output Disable
Time
Time for output to enter three-state mode after
SHUTDOWN/OE goes LOW
10
15
ns
t6
Output Enable
Time
Time for output to leave three-state mode after
SHUTDOWN/OE goes HIGH
10
15
ns
t7
Skew
Skew delay between any identical or related out-
puts[3, 12, 15]
< 0.25
0.5
ns
t8
CPUCLK Slew
Frequency transition rate
1.0
20.0
MHz/
ms
t9A
Clock Jitter[14]
Peak-to-peak period jitter (t9A Max. – t9A min.),
% of clock period (fOUT < 4 MHz)
<0.5
1
%
t9B
Clock Jitter[14]
Peak-to-peak period jitter (t9B Max. – t9B min.)
(4 MHz < fOUT < 16 MHz)
<0.7
1
ns
t9C
Clock Jitter[14]
Peak-to-peak period jitter
(16 MHz < fOUT < 50 MHz)
<400
500
ps
t9D
Clock Jitter[14]
Peak-to-peak period jitter
(fOUT > 50 MHz)
<250
350
ps
t10A
Lock Time for
CPLL
Lock Time from Power-Up
<25
50
ms
t10B
Lock Time for
UPLL and SPLL
Lock Time from Power-Up
<0.25
1
ms
Slew Limits
CPU PLL Slew Limits
CY2291
8
100
MHz
CY2291F
8
90
MHz
Notes:
11. XBUF duty cycle depends on XTALIN duty cycle.
12. Measured at 1.4V.
13. Measured between 0.4V and 2.4V.
14. Jitter varies with configuration. All standard configurations sample tested at the factory conform to this limit. For more information on jitter, please refer to the
application note: “Jitter in PLL-Based Systems.”
15. CLKF is not guaranteed to be in phase with CLKA-D, even if it is referenced off the same PLL.


Similar Part No. - CY2291FI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2291FI CYPRESS-CY2291FI Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291FI CYPRESS-CY2291FI Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2291FI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com