Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-H4R7M200V8X115F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-H4R7M200V8X115F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-H4R7M200V8X115F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-H4R7M200V8X115F Datasheet HTML 1Page - NIC-Components Corp. NRE-H4R7M200V8X115F Datasheet HTML 2Page - NIC-Components Corp. NRE-H4R7M200V8X115F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NRE-HR47M160V5X11F
0.47
160
0.20
10
706
2,000
NRE-H1R0M160V5X11F
1.0
0.20
21
332
2,000
NRE-H2R2M160V6.3X11F
2.2
0.20
31
151
2,000
NRE-H3R3M160V6.3X11F
3.3
0.20
40
101
2,000
NRE-H4R7M160V6.3X11F
4.7
0.20
55
70.6
2,000
NRE-H100M160V8X11.5F
10
0.20
90
33.2
2,000
NRE-H220M160V10X12.5F
22
0.20
153
15.1
2,000
NRE-H330M160V10X20F
33
0.20
195
10.1
2,000
NRE-H470M160V12.5X20F
47
0.20
245
7.06
2,000
NRE-H680M160V12.5X20F
68
0.20
310
4.88
2,000
NRE-H820M160V12.5X25F
82
0.20
380
4.05
2,000
NRE-H101M160V12.5X25F
100
0.20
410
3.32
2,000
NRE-H151M160V16X30F
150
0.20
550
2.21
2,000
NRE-H221M160V16X36F
220
0.20
745
1.51
2,000
NRE-H331M160V18X41F
330
0.20
800
1.01
2,000
NRE-HR47M200V5X11F
0.47
200
0.20
11
706
2,000
NRE-H1R0M200V5X11F
1.0
0.20
23
332
2,000
NRE-H2R2M200V6.3X11F
2.2
0.20
34
151
2,000
NRE-H3R3M200V6.3X11F
3.3
0.20
45
101
2,000
NRE-H4R7M200V8X11.5F
4.7
0.20
57
70.6
2,000
NRE-H100M200V8X12.5F
10
0.20
92
33.2
2,000
NRE-H220M200V10X16F
22
0.20
160
15.1
2,000
NRE-H330M200V10X20F
33
0.20
210
10.1
2,000
NRE-H470M200V12.5X20F
47
0.20
250
7.06
2,000
NRE-H680M200V12.5X25F
68
0.20
325
4.88
2,000
NRE-H101M200V16X25F
100
0.20
430
3.32
2,000
NRE-H151M200V16X35.5F
150
0.20
575
2.21
2,000
NRE-H221M200V18X35.5F
220
0.20
760
1.51
2,000
NRE-HR47M250V5X11F
0.47
250
0.20
12
706
2,000
NRE-H1R0M250V5X11F
1.0
0.20
25
332
2,000
NRE-H2R2M250V6.3X11F
2.2
0.20
35
151
2,000
NRE-H3R3M250V8X11.5F
3.3
0.20
48
101
2,000
NRE-H4R7M250V8X11.5F
4.7
0.20
58
70.6
2,000
NRE-H100M250V10X12.5F
10
0.20
94
33.2
2,000
NRE-H220M250V10X20F
22
0.20
170
15.1
2,000
NRE-H330M250V12.5X20F
33
0.20
220
10.1
2,000
NRE-H470M250V12.5X25F
47
0.20
260
7.06
2,000
NRE-H680M250V16X25F
68
0.20
335
4.88
2,000
NRE-H820M250V16X30F
82
0.20
400
4.05
2,000
NRE-H101M250V16X30F
100
0.20
432
3.32
2,000
NRE-H151M250V18X35.5F
150
0.20
588
2.21
2,000
NRE-H221M250V18X41F
220
0.20
760
1.51
2,000
NRE-HR47M350V6.3X11F
0.47
350
0.25
14
882
2,000
NRE-H1R0M350V6.3X11F
1.0
0.25
29
415
2,000
NRE-H2R2M350V8X11.5F
2.2
0.25
40
188
2,000
NRE-H3R3M350V8X12.5F
3.3
0.25
52
126
2,000
NRE-H4R7M350V10X12.5F
4.7
0.25
67
86.2
2,000
NRE-H100M350V10X16F
10
0.25
100
41.5
2,000
NRE-H220M350V12.5X20F
22
0.25
175
18.8
2,000
NRE-H330M350V12.5X25F
33
0.25
225
12.6
2,000
NRE-H470M350V16X25F
47
0.25
260
8.82
2,000
NRE-H680M350V16X35.5F
68
0.25
340
6.10
2,000
NRE-H820M350V18X30.5F
82
0.25
405
5.06
2,000
NRE-H101M350V18X35.5F
100
0.25
440
4.15
2,000
NRE-HR47M400V6.3X11F
0.47
400
0.25
14
882
2,000
NRE-H1R0M400V8X11.5F
1.0
0.25
29
415
2,000
NRE-H2R2M400V8X11.5F
2.2
0.25
40
188
2,000
NRE-H3R3M400V10X12.5F
3.3
0.25
52
126
2,000
NRE-H4R7M400V10X16F
4.7
0.25
67
86.2
2,000
NRE-H100M400V10X20F
10
0.25
100
41.5
2,000
Miniature Aluminum Electrolytic Capacitors
NRE-H Series
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D φ x L (mm)


Similar Part No. - NRE-H4R7M200V8X115F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-H4R7M200V8X11.5F NIC-NRE-H4R7M200V8X11.5F Datasheet
217Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-H4R7M200V8X115F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com