Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACEW100M50V63X55TR13F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NACEW100M50V63X55TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACEW100M50V63X55TR13F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NACEW100M50V63X55TR13F Datasheet HTML 1Page - NIC-Components Corp. NACEW100M50V63X55TR13F Datasheet HTML 2Page - NIC-Components Corp. NACEW100M50V63X55TR13F Datasheet HTML 3Page - NIC-Components Corp. NACEW100M50V63X55TR13F Datasheet HTML 4Page - NIC-Components Corp. NACEW100M50V63X55TR13F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/120Hz
Maximum ESR (
Ω)
+20OC/120Hz
Load Life Hours
@ +105°C
NACEW4R7M35V4X5.5TR13F
4.7
35
0.12
14
42.3
1,000
NACEW100M35V5X5.5TR13F
10
0.12
21
19.9
1,000
NACEW220M35V6.3X5.5TR13F
22
0.12
38
9.05
1,000
NACEW330M35V6.3X6.3TR13F
33
0.12
42
6.04
1,000
NACEW470M35V6.3X6.3TR13F
47
0.12
49
4.24
1,000
NACEW101M35V6.3X8TR13F
100
0.12
84
2.32
1,000
NACEW151M35V8X10.5TR13F
150
0.14
155
1.55
2,000
NACEW151M35V10X8TR13F
150
0.14
155
1.55
1,000
NACEW221M35V8X10.5TR13F
220
0.14
190
1.06
2,000
NACEW331M35V10X10.5TR13F
330
0.14
300
0.70
2,000
NACEW471M35V12.5X14TR15F
470
0.14
410
0.49
2,000
NACEW681M35V12.5X14TR15F
680
0.14
430
0.34
2,000
NACEW102M35V16X17TR15F
1000
0.14
700
0.23
2,000
NACEW152M35V16X17TR15F
1500
0.14
740
0.15
2,000
NACEW222M35V18X17.5TR15F
2200
0.16
950
0.12
2,000
NACEW272M35V18X22TR15F
2700
0.16
1200
0.098
2,000
NACEW1R0M50V4X5.5TR13F
1.0
50
0.10
7.0
166
1,000
NACEW2R2M50V4X5.5TR13F
2.2
0.10
11
75.4
1,000
NACEW3R3M50V4X5.5TR13F
3.3
0.10
13
50.3
1,000
NACEW4R7M50V5X5.5TR13F
4.7
0.10
16
35.3
1,000
NACEW100M50V6.3X5.5TR13F
10
0.10
24
16.6
1,000
NACEW220M50V6.3X6.3TR13F
22
0.10
32
7.64
1,000
NACEW330M50V6.3x8TR13F
33
0.10
60
5.03
1,000
NACEW470M50V6.3x8TR13F
47
0.10
63
3.53
1,000
NACEW101M50V8x10.5TR13F
100
0.12
140
1.99
2,000
NACEW221M50V10X10.5TR13F
220
0.12
220
0.91
2,000
NACEW102M50V16X17TR15F
1000
0.12
655
0.20
2,000
NACEW152M50V18X22TR15F
1500
0.12
1100
0.13
2,000
NACEW1R0M63V4X5.5TR13F
1.0
63
0.12
7.0
199
1,000
NACEW2R2M63V4X5.5TR13F
2.2
0.12
11
90.5
1,000
NACEW3R3M63V4X5.5TR13F
3.3
0.12
14
60.3
1,000
NACEW4R7M63V5X5.5TR13F
4.7
0.12
16
42.3
1,000
NACEW100M63V6.3X5.5TR13F
10
0.12
24
19.9
1,000
NACEW220M63V6.3X8TR13F
22
0.12
49
9.04
1,000
NACEW330M63V8X10.5TR13F
33
0.12
112
6.03
1,000
NACEW470M63V8X10.5TR13F
47
0.12
119
4.24
1,000
NACEW101M63V10X10.5TR13F
100
0.12
196
1.99
2,000
NACEW221M63V12.5X14TR15F
220
0.12
287
0.91
2,000
NACEW471M63V16X17TR15F
470
0.12
630
0.42
2,000
NACEW681M63V18X17.5TR15F
680
0.12
750
0.29
2,000
NACEW102M63V18X22TR15F
1000
0.12
900
0.20
2,000
NACEW1R0M100V4X6.3TR13F
1.0
100V
0.10
7.0
166
1,000
NACEW2R2M100V6.3X6.3TR13F
2.2
0.10
14
75.4
1,000
NACEW3R3M100V6.3X6.3TR13F
3.3
0.10
20
50.3
1,000
NACEW4R7M100V6.3X6.3TR13F
4.7
0.10
25
35.3
1,000
NACEW100M100V6.3X8TR13F
10
0.10
35
16.6
1,000
NACEW220M100V8X10.5TR13F
22
0.10
84
7.64
2,000
NACEW330M100V10x10.5TR13F
33
0.10
133
5.03
2,000
NACEW470M100V12.5X14TR15F
47
0.10
240
3.53
2,000
NACEW151M100V16X17TR15F
150
0.10
500
1.10
2,000
NACEW221M100V18X17.5TR15F
220
0.10
650
0.75
2,000
NACEW331M100V18X22TR15F
330
0.10
700
0.50
2,000
NACEW Series
Surface Mount Aluminum Electrolytic Capacitors
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
For Automotive Equipment see part number system
Represents New Value


Similar Part No. - NACEW100M50V63X55TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACEW100M1010X8TR13F NIC-NACEW100M1010X8TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100M104X5.5TR13F NIC-NACEW100M104X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100M105X5.5TR13F NIC-NACEW100M105X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100M106.3X5.5TR13F NIC-NACEW100M106.3X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100M106.3X6.3TR13F NIC-NACEW100M106.3X6.3TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACEW100M50V63X55TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com