Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC152405SRE Datasheet(PDF) 2 Page - TDK Electronics

Part # CC152405SRE
Description  Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC152405SRE Datasheet(HTML) 2 Page - TDK Electronics

  CC152405SRE Datasheet HTML 1Page - TDK Electronics CC152405SRE Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A7: Nov 2011
CC-E Series
Outline Drawing
Outline Drawing
For Additional Information, please visit
us.tdk-lambda.com/lp/products/cc-series.htm
CC10- F-E (DIP TYPE)
35.56
25.4
22.6±0.2
t=0.3
25.4
5.08
5.08
2.7
1.0
2.7
No.8, 9
No.10, 11
3
2
1
7-0.3⋅ 0.6
4
5
7
6
8
10
11
9
PX
10 - 40W 12, 24, 48V DC-DC converters
PAQ,
50 -700W quarter, half & full bricks
PAH, PAF
Other Industrial Products
Version
Description
F-E
Through hole mounting (DIP pkg)
R-E
Surface mount (DIP pkg)
S-E
Through hole mounting (SIP pkg - CC3)
Pin
Single
Dual
1
+Vin
+Vin
2
RC
RC
3
-Vin
-Vin
4
NC
-Vout
5
-Vout
Common out
6
TRM
TRM
7
+Vout
+Vout
For CC15 and 25 see Installation Manual online
Options
Pinout (CC1R5, 3, 6, and 10)
Output
Output
Output
Voltage (V)
Current (A) Power (W)
5V Input
12V Input
24V Input
48V Input
Single Outputs
3.3
0.4
1.5
CC1R5-0503SF-E
CC1R5-1203SF-E
CC1R5-2403SF-E
CC1R5-4803SF-E
3.3
0.8
3
CC3-0503SF-E
CC3-1203SF-E
CC3-2403SF-E
CC3-4803SF-E
3.3
1.2
6
CC6-0503SF-E
CC6-1203SF-E
CC6-2403SF-E
CC6-4803SF-E
3.3
2.5
10
CC10-0503SF-E
CC10-1203SF-E
CC10-2403SF-E
CC10-4803SF-E
3.3
4.5
15
-
-
CC15-2403SF-E
-
3.3
7.5
25
-
-
CC25-2403SF-E
-
5
0.3
1.5
CC1R5-0505SF-E
CC1R5-1205SF-E
CC1R5-2405SF-E
CC1R5-4805SF-E
5
0.6
3
CC3-0505SF-E
CC3-1205SF-E
CC3-2405SF-E
CC3-4805SF-E
5
1.0
5
CC6-0505SF-E
-
-
-
5
1.2
6
-
CC6-1205SF-E
CC6-2405SF-E
CC6-4805SF-E
5
2.0
10
CC10-0505SF-E
CC10-1205SF-E
CC10-2405SF-E
CC10-4805SF-E
5
3.0
15
-
-
CC15-2405SF-E
-
5
5.0
25
-
-
CC25-2405SF-E
-
12(15)
0.125(0.1)
1.5
CC1R5-0512SF-E
CC1R5-1212SF-E
CC1R5-2412SF-E
CC1R5-4812SF-E
12(15)
0.25(0.2)
3
CC3-0512SF-E
CC3-1212SF-E
CC3-2412SF-E
CC3-4812SF-E
12(15)
0.5(0.4)
6
CC6-0512SF-E
CC6-1212SF-E
CC6-2412SF-E
CC6-4812SF-E
12(15)
0.8(0.64)
10
CC10-0512SF-E
-
-
-
12(15)
1.0(0.8)
10
-
CC10-1212SF-E
CC10-2412SF-E
CC10-4812SF-E
Dual Outputs
±12 (15)3
0.06(0.05)
1.5
CC1R5-0512DF-E
CC1R5-1212DF-E
CC1R5-2412DF-E
CC1R5-4812DF-E
±12 (15)3
0.125(0.1)
3
CC3-0512DF-E
CC3-1212DF-E
CC3-2412DF-E
CC3-4812DF-E
±12 (15)3
0.25(0.2)
6
CC6-0512DF-E
CC6-1212DF-E
CC6-2412DF-E
CC6-4812DF-E
±12 (15)3
0.4(0.32)
10
CC10-0512DF-E
-
-
-
±12 (15)3
0.45(0.36)
10
-
CC10-1212DF-E
CC10-2412DF-E
CC10-4812DF-E
Model Selector
CC10- R-E (SMD TYPE)
35.56
22.6±0.2
t=0.3
38.86
1.8
1.8
3
2
1
7-0.3⋅ 0.6
4
5
7
6
Coplanarity 0.1max.


Similar Part No. - CC152405SRE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC15-2403SF-E TDK-CC15-2403SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC15-2403SF-E TDK-CC15-2403SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC15-2403SF-E TDK-CC15-2403SF-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC15-2403SF-E TDK-CC15-2403SF-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC15-2403SFH-E TDK-CC15-2403SFH-E Datasheet
198Kb / 2P
   DC-DC Converters
More results

Similar Description - CC152405SRE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC1R5-0503SF-E TDK-CC1R5-0503SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC10-2412DR-E TDK-CC10-2412DR-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC3-0512SR-E TDK-CC3-0512SR-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
PSS3-24-5 TDK-PSS3-24-5 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS10-24-12 TDK-PSS10-24-12 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS3-24-3R3 TDK-PSS3-24-3R3 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS6245 TDK-PSS6245 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSS3-24-12 TDK-PSS3-24-12 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
PSD1R551212 TDK-PSD1R551212 Datasheet
443Kb / 2P
   Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
logo
DENSEI-LAMBDA
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com