Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAWE101M35V10X105LBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAWE101M35V10X105LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWE101M35V10X105LBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAWE101M35V10X105LBF Datasheet HTML 1Page - NIC-Components Corp. NAWE101M35V10X105LBF Datasheet HTML 2Page - NIC-Components Corp. NAWE101M35V10X105LBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NAWE Series
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/120Hz
Load Life Hours
@ +105°C
NAWE220M6.3V4X5.5NBF
22
6.3
0.30
23
1,000
NAWE470M6.3V5X5.5NBF
47
0.30
37
1,000
NAWE101M6.3V6.3X5.5NBF
100
0.30
57
1,000
NAWE471M6.3V8X10.5LBF
470
0.35
210
1,000
NAWE102M6.3V10X10.5LBF 1000
0.35
480
1,000
NAWE330M10V5X5.5NBF
33
10
0.24
34
1,000
NAWE331M10V8X10.5LBF
330
0.26
195
1,000
NAWE471M10V8X10.5LBF
470
0.26
210
1,000
NAWE471M10V10X10.5LBF
470
0.26
440
1,000
NAWE100M16V4X5.5NBF
10
16
0.20
20
1,000
NAWE220M16V5X5.5NBF
22
0.20
31
1,000
NAWE470M16V6.3X5.5NBF
47
0.20
56
1,000
NAWE101M16V6.3X5.5NBF
100
0.20
65
1,000
NAWE221M16V8X10.5LBF
220
0.20
185
1,000
NAWE331M16V8X10.5LBF
330
0.20
195
1,000
NAWE331M16V10X10.5LBF
330
0.20
440
1,000
NAWE471M16V10X10.5LBF
470
0.20
460
1,000
NAWE330M25V6.3X5.5NBF
33
25
0.16
48
1,000
NAWE101M25V8X10.5LBF
100
0.16
180
1,000
NAWE221M25V8X10.5LBF
220
0.16
190
1,000
NAWE221M25V10X10.5LBF
220
0.16
353
1,000
NAWE331M25V10X10.5LBF
330
0.16
450
1,000
NAWE4R7M35V4X5.5NBF
4.7
35
0.14
14
1,000
NAWE100M35V5X5.5NBF
10
0.14
24
1,000
NAWE220M35V6.3X5.5NBF
22
0.14
46
1,000
NAWE101M35V8X10.5LBF
100
0.14
180
1,000
NAWE101M35V10X10.5LBF
100
0.14
305
1,000
NAWE221M35V10X10.5LBF
220
0.14
360
1,000
NAWE1R0M50V4X5.5NBF
1.0
50
0.12
8.0
1,000
NAWE2R2M50V4X5.5NBF
2.2
0.12
11
1,000
NAWE3R3M50V4X5.5NBF
3.3
0.12
13
1,000
NAWE4R7M50V5X5.5NBF
4.7
0.12
18
1,000
NAWE100M50V6.3X5.5NBF
10
0.12
28
1,000
NAWE330M50V8X10.5LBF
33
0.12
135
1,000
NAWE470M50V8X10.5LBF
47
0.12
155
1,000
NAWE470M50V10X10.5LBF
47
0.12
180
1,000
NAWE101M50V8X10.5LBF
100
0.12
200
1,000
NAWE101M50V10X10.5LBF
100
0.12
315
1,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Frequency
50/60Hz
120Hz
500Hz
1KHz
10KHz
0.1 ~ 1
μF
0.5
1.00
1.20
1.30
1.50
2.2 ~ 4.7
μF
0.65
1.00
1.20
1.30
1.50
10 ~ 47
μF
0.80
1.00
1.20
1.30
1.50
100 ~ 1000
μF
0.80
1.00
1.10
1.15
1.20
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS


Similar Part No. - NAWE101M35V10X105LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWE101M35V10X10.5LBF NIC-NAWE101M35V10X10.5LBF Datasheet
242Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWE101M35V10X105LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com