Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZJ102M63V8X105NBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAZJ102M63V8X105NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZJ102M63V8X105NBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAZJ102M63V8X105NBF Datasheet HTML 1Page - NIC-Components Corp. NAZJ102M63V8X105NBF Datasheet HTML 2Page - NIC-Components Corp. NAZJ102M63V8X105NBF Datasheet HTML 3Page - NIC-Components Corp. NAZJ102M63V8X105NBF Datasheet HTML 4Page - NIC-Components Corp. NAZJ102M63V8X105NBF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. ESR (
Ω)
100KHz, +20°C
Max. Ripple Current (mA)
+105°C, 100KHz
Load Life Hours
@ +105°C
NAZJ220M6.3V4X6.1NBF
22
6.3
0.26
0.85
160
2,000
NAZJ470M6.3V4X6.1NBF
47
0.26
0.85
160
2,000
NAZJ470M6.3V5X6.1NBF
47
0.26
0.36
240
2,000
NAZJ101M6.3V5X6.1NBF
100
0.26
0.36
240
2,000
NAZJ101M6.3V6.3X6.1NBF
100
0.26
0.26
300
2,000
NAZJ221M6.3V6.3X6.1NBF
220
0.26
0.26
300
2,000
NAZJ331M6.3V6.3X8NBF
330
0.26
0.16
600
2,000
NAZJ331M6.3V8X6.5NBF
330
0.26
0.18
500
2,000
NAZJ471M6.3V8X10.5JBF
470
0.26
0.08
850
2,000
NAZJ471M6.3V8X10.5NBF
470
0.26
0.08
850
2,000
NAZJ102M6.3V8X10.5JBF
1000
0.26
0.08
850
2,000
NAZJ102M6.3V8X10.5NBF
1000
0.26
0.08
850
2,000
NAZJ152M6.3V10X10.5HBF
1500
0.26
0.06
1190
2,000
NAZJ152M6.3V10X10.5NBF
1500
0.26
0.06
1190
2,000
NAZJ182M6.3V10X10.5HBF
1800
0.26
0.08
850
2,000
NAZJ182M6.3V10X10.5NBF
1800
0.26
0.08
850
2,000
NAZJ220M10V4X6.1NBF
22
10
0.19
0.85
160
2,000
NAZJ330M10V4X6.1NBF
33
0.19
0.85
160
2,000
NAZJ330M10V5X6.1NBF
33
0.19
0.36
240
2,000
NAZJ151M10V6.3X6.1NBF
150
0.19
0.26
300
2,000
NAZJ221M10V6.3X8NBF
220
0.19
0.16
600
2,000
NAZJ221M10V8X6.5NBF
220
0.19
0.18
500
2,000
NAZJ331M10V8X10.5JBF
330
0.19
0.08
850
2,000
NAZJ331M10V8X10.5NBF
330
0.19
0.08
850
2,000
NAZJ471M10V8X10.5JBF
470
0.19
0.08
850
2,000
NAZJ471M10V8X10.5NBF
470
0.19
0.08
850
2,000
NAZJ681M10V8X10.5JBF
680
0.19
0.08
850
2,000
NAZJ681M10V8X10.5NBF
680
0.19
0.08
850
2,000
NAZJ102M10V10X10.5HBF
1000
0.19
0.06
1190
2,000
NAZJ102M10V10X10.5NBF
1000
0.19
0.06
1190
2,000
NAZJ122M10V10X10.5HBF
1200
0.19
0.08
850
2,000
NAZJ122M10V10X10.5NBF
1200
0.19
0.08
850
2,000
NAZJ100M16V4X6.1NBF
10
16
0.16
0.85
160
2,000
NAZJ220M16V4X6.1NBF
22
0.16
0.85
160
2,000
NAZJ220M16V5X6.1NBF
22
0.16
0.36
240
2,000
NAZJ470M16V5X6.1NBF
47
0.16
0.36
240
2,000
NAZJ470M16V6.3X6.1NBF
47
0.16
0.26
300
2,000
NAZJ680M16V6.3X6.1NBF
68
0.16
0.26
300
2,000
NAZJ101M16V6.3X6.1NBF
100
0.16
0.26
300
2,000
NAZJ101M16V6.3X8NBF
100
0.16
0.16
600
2,000
NAZJ151M16V6.3X8NBF
150
0.16
0.16
600
2,000
NAZJ221M16V6.3X8NBF
220
0.16
0.16
600
2,000
NAZJ221M16V8X6.5NBF
220
0.16
0.18
500
2,000
NAZJ331M16V8X10.5JBF
330
0.16
0.08
850
2,000
NAZJ331M16V8X10.5NBF
330
0.16
0.08
850
2,000
NAZJ471M16V8X10.5JBF
470
0.16
0.08
850
2,000
NAZJ471M16V8X10.5NBF
470
0.16
0.08
850
2,000
NAZJ681M16V10X10.5HBF
680
0.16
0.06
1190
2,000
NAZJ681M16V10X10.5NBF
680
0.16
0.06
1190
2,000
NAZJ821M16V10X10.5HBF
820
0.16
0.08
850
2,000
NAZJ821M16V10X10.5NBF
820
0.16
0.08
850
2,000
NAZJ100M25V4X6.1NBF
10
25
0.14
0.85
160
2,000
NAZJ220M25V5X6.1NBF
22
0.14
0.36
240
2,000
NAZJ330M25V5X6.1NBF
33
0.14
0.36
240
2,000
NAZJ330M25V6.3X6.1NBF
33
0.14
0.26
300
2,000
NAZJ470M25V6.3X6.1NBF
47
0.14
0.26
300
2,000
NAZJ680M25V6.3X6.1NBF
68
0.14
0.26
300
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Surface Mount Aluminum Electrolytic Capacitors
NAZJ Series
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Denotes Lower Reflow Temperature Rated, Lower Cost Alternative


Similar Part No. - NAZJ102M63V8X105NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZJ102M6.3V8X10.5JBF NIC-NAZJ102M6.3V8X10.5JBF Datasheet
332Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAZJ102M6.3V8X10.5NBF NIC-NAZJ102M6.3V8X10.5NBF Datasheet
332Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZJ102M63V8X105NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com