Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACY152M16V125X14TR15F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACY152M16V125X14TR15F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACY152M16V125X14TR15F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACY152M16V125X14TR15F Datasheet HTML 1Page - NIC-Components Corp. NACY152M16V125X14TR15F Datasheet HTML 2Page - NIC-Components Corp. NACY152M16V125X14TR15F Datasheet HTML 3Page - NIC-Components Corp. NACY152M16V125X14TR15F Datasheet HTML 4Page - NIC-Components Corp. NACY152M16V125X14TR15F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/100kHz
Max. Z (
Ω)
+20°C/100kHz
Load Life Hours
@ +105°C
NACY270M6.3V4X6.3TR13F
27
6.3
0.24
90
1.45
1,000
NACY470M6.3V5X6.3TR13F
47
0.24
170
0.7
1,000
NACY560M6.3V5X6.3TR13F
56
0.24
170
0.7
1,000
NACY101M6.3V6.3X6.3TR13F
100
0.24
250
0.39
1,000
NACY151M6.3V6.3X6.3TR13F
150
0.24
250
0.39
1,000
NACY221M6.3V6.3X6.3TR13F
220
0.24
250
0.39
1,000
NACY331M6.3V6.3X8TR13F
330
0.24
300
0.3
1,000
NACY471M6.3V8X10.5TR13F
470
0.28
600
0.15
2,000
NACY681M6.3V8X10.5TR13F
680
0.28
600
0.15
2,000
NACY102M6.3V8X10.5TR13F
1000
0.28
600
0.15
2,000
NACY152M6.3V10X10.5TR13F
1500
0.28
850
0.08
2,000
NACY332M6.3V12.5X14TR15F
3300
0.32
1150
0.058
2,000
NACY682M6.3V16X17TR15F
6800
0.36
1800
0.035
2,000
NACY220M10V4X6.3TR13F
22
10
0.20
90
1.45
1,000
NACY330M10V5X6.3TR13F
33
0.20
170
0.7
1,000
NACY680M10V6.3X6.3TR13F
68
0.20
250
0.39
1,000
NACY151M10V6.3X6.3TR13F
150
0.20
250
0.39
1,000
NACY221M10V6.3X8TR13F
220
0.20
300
0.3
1,000
NACY331M10V8X10.5TR13F
330
0.24
600
0.15
2,000
NACY471M10V8X10.5TR13F
470
0.24
600
0.15
2,000
NACY102M10V10X10.5TR13F
1000
0.24
850
0.08
2,000
NACY222M10V12.5X14TR15F
2200
0.26
1150
0.058
2,000
NACY472M10V16X17TR15F
4700
0.30
1800
0.035
2,000
NACY150M16V4X6.3TR13F
15
16
0.16
90
1.45
1,000
NACY220M16V5X6.3TR13F
22
0.16
170
0.7
1,000
NACY470M16V6.3X6.3TR13F
47
0.16
250
0.39
1,000
NACY680M16V6.3X6.3TR13F
68
0.16
250
0.39
1,000
NACY101M16V6.3X6.3TR13F
100
0.16
250
0.39
1,000
NACY151M16V6.3X8TR13F
150
0.16
300
0.3
1,000
NACY221M16V6.3X8TR13F
220
0.16
300
0.3
1,000
NACY331M16V8X10.5TR13F
330
0.20
600
0.15
2,000
NACY471M16V8X10.5TR13F
470
0.20
600
0.15
2,000
NACY681M16V10X10.5TR13F
680
0.20
850
0.08
2,000
NACY152M16V12.5X14TR15F
1500
0.20
1150
0.058
2,000
NACY332M16V16X17TR15F
3300
0.24
1800
0.035
2,000
NACY100M25V4X6.3TR13F
10
25
0.14
90
1.45
1,000
NACY150M25V5X6.3TR13F
15
0.14
170
0.7
1,000
NACY220M25V5X6.3TR13F
22
0.14
170
0.7
1,000
NACY330M25V6.3X6.3TR13F
33
0.14
250
0.39
1,000
NACY470M25V6.3X6.3TR13F
47
0.14
250
0.39
1,000
NACY560M25V6.3X6.3TR13F
56
0.14
250
0.39
1,000
NACY680M25V6.3X6.3TR13F
68
0.14
250
0.39
1,000
NACY101M25V6.3X8TR13F
100
0.14
300
0.3
1,000
NACY151M25V8X10.5TR13F
150
0.16
600
0.15
2,000
NACY221M25V8X10.5TR13F
220
0.16
600
0.15
2,000
NACY331M25V8X10.5TR13F
330
0.16
600
0.15
2,000
NACY471M25V10X10.5TR13F
470
0.16
850
0.08
2,000
NACY102M25V12.5X14TR15F
1000
0.16
1150
0.058
2,000
NACY222M25V16X17TR15F
2200
0.18
1800
0.035
2,000
NACY4R7M35V4X6.3TR13F
4.7
35
0.12
90
1.45
1,000
NACY100M35V5X6.3TR13F
10
0.12
170
0.7
1,000
NACY150M35V5X6.3TR13F
15
0.12
170
0.7
1,000
NACY220M35V5X6.3TR13F
22
0.12
170
0.7
1,000
NACY330M35V6.3X6.3TR13F
33
0.12
250
0.39
1,000
NACY470M35V6.3X6.3TR13F
47
0.12
250
0.39
1,000
NACY680M35V6.3X8TR13F
68
0.12
300
0.30
1,000
NACY101M35V8X10.5TR13F
100
0.14
600
0.15
2,000
NACY151M35V8X10.5TR13F
150
0.14
600
0.15
2,000
NACY221M35V8X10.5TR13F
220
0.14
600
0.15
2,000
Surface Mount Aluminum Electrolytic Capacitors NACY Series
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
For Automotive Equipment, see part number system


Similar Part No. - NACY152M16V125X14TR15F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACY150K100V10X10.5TR13F NIC-NACY150K100V10X10.5TR13F Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY150K100V4X6.3TR13F NIC-NACY150K100V4X6.3TR13F Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY150K100V5X6.3TR13F NIC-NACY150K100V5X6.3TR13F Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY150K100V6.3X6.3TR13F NIC-NACY150K100V6.3X6.3TR13F Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY150K100V6.3X8TR13F NIC-NACY150K100V6.3X8TR13F Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACY152M16V125X14TR15F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com