Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACY220M16V5X63TR13F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NACY220M16V5X63TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACY220M16V5X63TR13F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NACY220M16V5X63TR13F Datasheet HTML 1Page - NIC-Components Corp. NACY220M16V5X63TR13F Datasheet HTML 2Page - NIC-Components Corp. NACY220M16V5X63TR13F Datasheet HTML 3Page - NIC-Components Corp. NACY220M16V5X63TR13F Datasheet HTML 4Page - NIC-Components Corp. NACY220M16V5X63TR13F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NACY Series
CARRIER TAPE DIMENSIONS & REEL QTY
Case Size A ±0.5 B ±0.5 C ±0.3 F ±0.1 P ±0.1 S ±0.1 T ±0.2 t ±0.1
4x6.3
4.7
4.7
12.0
5.5
8.0
-
6.4
0.6
5x6.3
5.7
5.7
12.0
5.5
12.0
-
6.4
0.6
6.3x6.3
7.0
7.0
16.0
7.5
12.0
-
6.5
0.6
6.3x8
7.0
7.0
16.0
7.5
12.0
-
8.2
0.6
8x10.5
8.7
8.7
24.0
11.5
16.0
-
11.1
0.6
10x10.5
10.7
10.7
24.0
11.5
16.0
-
11.2
0.6
12.5x14
13.2
13.2
32.0
14.3
24.0
28.4
14.3
0.6
16x17
17.5
17.5
44.0
20.2
28
40.4
17.3
0.6
T
A
P
Feeding
1.5
φ+0.1/-0
1.75 + 0.10
t
4 + 0.1
21±0.8
3.0
± 0.5
W
2.0±0.5
REEL DIMENSIONS & REEL QTY
Case Size
W ±1.0
Quantity
TR13 (330mm)
TR15 (380mm)
4x6.3
14
1200
2000
5x6.3
14
800
1000
6.3x6.3
18
800
1000
6.3x8
18
500
900
8x10.5
26
300
500
10x10.5
26
300
500
12.5x14
34
-
250
16x17
46
-
200
PRECAUTIONS
Please review the notes on correct use, safety and precautions found at www.niccomp.com/precautions. If in doubt or uncertainty, please review
your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NACY220M16V5X63TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACY220M16V5X6.3TR13F NIC-NACY220M16V5X6.3TR13F Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACY220M16V5X63TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com