Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACEW681M16V10X105TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACEW681M16V10X105TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACEW681M16V10X105TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACEW681M16V10X105TR13F Datasheet HTML 1Page - NIC-Components Corp. NACEW681M16V10X105TR13F Datasheet HTML 2Page - NIC-Components Corp. NACEW681M16V10X105TR13F Datasheet HTML 3Page - NIC-Components Corp. NACEW681M16V10X105TR13F Datasheet HTML 4Page - NIC-Components Corp. NACEW681M16V10X105TR13F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NACEW 331 M 35V 10x10.5 TR 13 Y F
RoHS Compliant
13 = 13" (330mm) Reel, 15 = 15" (380mm) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in mF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Optional: Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
Case
Diameter
Termination
Material
4 ~ 10mm
φ
97% Sn, 3% Bi
12.5mm
99.3% Sn, 0.7% Bi
16mm
100% Sn
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NACEW Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION
• WIDE TEMPERATURE -55 ~ +105OC
• DESIGNED FOR REFLOW SOLDERING
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
CHARACTERISTICS
Rated Voltage Range
6.3 ~ 100Vdc**
Rate Capacitance Range
1.0 ~ 12,000μF
Operating Temp. Range
-55°C ~ +105°C (100V -40°C ~ +105 °C)
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Minutes @ 20°C
0.01CV or 3μA
whichever is greater
Max. Tan
δ @120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
132032446379
125
4 ~ 6.3mm Dia.
0.24
0.20
0.16
0.14
0.12
0.10
0.12
0.10
8 & larger
C < 1,000
μF
0.28
0.24
0.20
0.16
0.14
0.12
0.12
0.10
C = 1,500
μF
0.28
-
0.20
-
0.14
0.12
-
-
C = 2,200
μF, 2,700μF
-
0.26
-
0.18
0.16
-
-
-
C = 3,300
μF, 3,900μF
0.32
-
0.24
0.20
-
-
-
-
C = 4,700
μF
-
0.30
0.26
-----
C = 5,600
μF
-
-
0.28
-----
C = 6,800
μF
0.38
0.34
-
-----
C = 8,200
μF
-
0.38
-
-----
C = 10,000
μF
0.46
-
-
-----
C = 12,000
μF
0.50
-
-
-----
Low Temperature Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
Z-40°C/Z+20°C
3322222
3
Z-55°C/Z+20°C
8644333
-
Load Life Test
4 ~ 6.3mm Dia. & 10x8mm
+105°C 1,000 hours
Capacitance Change
Within ± 25% of initial measured value
Tan
δ
Less than 200% of specified max. value
8 ~ 16mm Dia.
+105°C 2,000 hours
Leakage Current
Less than specified max. value
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
New Expanded
Value Range
(Up to 12,000
μF)


Similar Part No. - NACEW681M16V10X105TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACEW NIC-NACEW Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K1010X8TR13F NIC-NACEW100K1010X8TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K104X5.5TR13F NIC-NACEW100K104X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K105X5.5TR13F NIC-NACEW100K105X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K106.3X5.5TR13F NIC-NACEW100K106.3X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACEW681M16V10X105TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com