Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT162652CTPACT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 74FCT162652CTPACT
Description  16-Bit Registered Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162652CTPACT Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74FCT162652CTPACT Datasheet HTML 2Page - Texas Instruments 74FCT162652CTPACT Datasheet HTML 3Page - Texas Instruments 74FCT162652CTPACT Datasheet HTML 4Page - Texas Instruments 74FCT162652CTPACT Datasheet HTML 5Page - Texas Instruments 74FCT162652CTPACT Datasheet HTML 6Page - Texas Instruments 74FCT162652CTPACT Datasheet HTML 7Page - Texas Instruments 74FCT162652CTPACT Datasheet HTML 8Page - Texas Instruments 74FCT162652CTPACT Datasheet HTML 9Page - Texas Instruments 74FCT162652CTPACT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CY74FCT16652T
CY74FCT162652T
6
Power Supply Characteristics
Param.
Description
Test Conditions[11]
Min.
Typ.[12]
Max.
Unit
ICC
Quiescent Power Supply
Current
VCC=Max.
VIN<0.2V
VIN>VCC−0.2V
5
500
µA
∆I
CC
Quiescent Power Supply
Current
TTL Inputs HIGH
VCC = Max. VIN=3.4V
[13]
0.5
1.5
mA
ICCD
Dynamic Power Supply
Current[14]
VCC=Max.
Outputs Open
OEAB=OEAB=GND
One Input Toggling
50% Duty Cycle
VIN=VCC or
VIN=GND
75
120
µA/
MHz
IC
Total Power Supply Current[15]
VCC=Max.
Outputs Open
fo=10 MHz (CLKBA)
50% Duty Cycle
OEAB=OEBA=GND
One-Bit Toggling
f1=5 MHz
50% Duty Cycle
VIN=VCC or
VIN=GND
0.8
1.7
mA
VIN=3.4V or
VIN=GND
1.3
3.2
mA
VCC=Max.
Outputs Open
fo=10 MHz (CLKBA)
50% Duty Cycle
OEAB=OEBA=GND
Sixteen Bits Toggling
f1=2.5 MHz
50% Duty Cycle
VIN=VCC or
VIN=GND
3.8
6.5[16]
mA
VIN=3.4V or
VIN=GND
8.3
20.0[16]
mA
Notes:
11. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
12. Typical values are at VCC=5.0V +25° ambient.
13. Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
14. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
15. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
= Quiescent Current with CMOS input levels
∆I
CC
= Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
= Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
16. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.


Similar Part No. - 74FCT162652CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162652CTPACT TI-74FCT162652CTPACT Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Similar Description - 74FCT162652CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com