Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS122 Datasheet(PDF) 4 Page - Clare, Inc.

Part # TS122
Description  Single Pole OptoMOS Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS122 Datasheet(HTML) 4 Page - Clare, Inc.

  TS122 Datasheet HTML 1Page - Clare, Inc. TS122 Datasheet HTML 2Page - Clare, Inc. TS122 Datasheet HTML 3Page - Clare, Inc. TS122 Datasheet HTML 4Page - Clare, Inc. TS122 Datasheet HTML 5Page - Clare, Inc. TS122 Datasheet HTML 6Page - Clare, Inc. TS122 Datasheet HTML 7Page - Clare, Inc. TS122 Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.clare.com
4
TS122
Rev. 7
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
TS122
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
TS122
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load: Voltage = 250VDC; Current = 170mADC;
I
F = 5mADC)
35
30
25
20
15
10
5
0
5.5
7.5
9.5
11.5
6.5
8.5
10.5
On-Resistance (
Ω)
TS122
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
305
325
345
365
315
335
355
Blocking Voltage (V)
TS122
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
0.5
0.9
1.3
0.3
0.7
1.1
1.5
LED Current (mA)
25
20
15
10
5
0
TS122
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
25
20
15
10
5
0
0.45
1.05
1.65
0.15
0.75
1.35
1.95
LED Current (mA)
TS122
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.625
1.125
1.625
2.125
0.875
1.375
1.875
Turn-On (ms)
25
20
15
10
5
0
TS122
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.335
0.715
1.095
1.475
1.285
0.905
0.525
Turn-Off (ms)
25
20
15
10
5
0
TS122
Typical Load Current vs. Temperature
Temperature (
°C)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
TS122
Typical Leakage vs. Temperature
(Measured across Pins 7 & 8)
Temperature (
°C)
-40
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
TS122
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
350
345
340
335
330
325
320
315
-20
0
20
40
60
80
100
TS122
Typical Turn-On vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
5mA
10mA
20mA
TS122
Typical Turn-Off vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
-20
0
20
40
60
80
100
5mA


Similar Part No. - TS122

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
TS122 IXYS-TS122 Datasheet
140Kb / 8P
   Multifunction Telecom Switch
logo
STMicroelectronics
TS1220 STMICROELECTRONICS-TS1220 Datasheet
91Kb / 5P
   SENSITIVE SCR
TS1220 STMICROELECTRONICS-TS1220 Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
91Kb / 5P
   SENSITIVE SCR
More results

Similar Description - TS122

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com