Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS112NTR Datasheet(PDF) 6 Page - Clare, Inc.

Part # TS112NTR
Description  Multifunction Telecom Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS112NTR Datasheet(HTML) 6 Page - Clare, Inc.

  TS112NTR Datasheet HTML 1Page - Clare, Inc. TS112NTR Datasheet HTML 2Page - Clare, Inc. TS112NTR Datasheet HTML 3Page - Clare, Inc. TS112NTR Datasheet HTML 4Page - Clare, Inc. TS112NTR Datasheet HTML 5Page - Clare, Inc. TS112NTR Datasheet HTML 6Page - Clare, Inc. TS112NTR Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.clare.com
6
TS112N
Rev. 2
Dimensions
mm
(inches)
Mechanical Dimensions
PC Board Pattern
(Top View)
2.540
± .127
(.100
± .005)
5.080
± .127
(.200
± .005)
1.193
(.047)
.787
(.031)
.20
± .025
(.008
± .001)
2.54 TYP.
(.100 TYP.)
2.18 MAX.
(.086)
1.01
± .025
(.040
± .001)
3.81
± .05
(.150
± .002)
6.09
± .10
(.240
± .004)
.38 x 45
°
(.015 x 45
°)
.38 TYP.
(.015 TYP.)
9.34
± .20
(.368
± .008)
8 Pin SOIC Narrow (“N” Suffix)
7.49
(.295)
2.00
(.079)
12.09
(.476)
1.75
(.069)
3.99
(.157)
1.50
(.059)
6.73
(.265)
.41
(.016)
2.30
(.091)
2.70
(.106)
Top Cover
Tape
2.01
(.079)
11.99
(.472)
User Direction of Feed
.05R TYP.
16.00
(.630)
10.30
(.406)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
.10 MAX.
(.004)
6.80
(.268)
6.50
(.256)
3.00
(.118)
1.55
± .102
(.061
± .004)
330.2 DIA.
(13.00)
Tape and Reel Packaging for 8 and 16 Pin Narrow SOIC Package
1


Similar Part No. - TS112NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS112 CLARE-TS112 Datasheet
115Kb / 7P
   Multifunction Telecom Switch
logo
Taiwan Semiconductor Co...
TS1123 TSC-TS1123 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123CX512C0 TSC-TS1123CX512C0 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123CX515C0 TSC-TS1123CX515C0 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123CX533C0 TSC-TS1123CX533C0 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
More results

Similar Description - TS112NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
XS170 CLARE-XS170 Datasheet
100Kb / 7P
   Multifunction Telecom Switch
logo
IXYS Corporation
TS120 IXYS-TS120 Datasheet
142Kb / 8P
   Multifunction Telecom Switch
logo
Clare, Inc.
TS117 CLARE-TS117 Datasheet
122Kb / 8P
   Multifunction Telecom Switch
logo
IXYS Corporation
TS117L IXYS-TS117L Datasheet
141Kb / 8P
   Multifunction Telecom Switch
logo
Clare, Inc.
TS120L CLARE-TS120L Datasheet
147Kb / 8P
   Multifunction Telecom Switch
TS117L CLARE-TS117L Datasheet
123Kb / 8P
   Multifunction Telecom Switch
TS190L CLARE-TS190L Datasheet
442Kb / 8P
   Multifunction Telecom Switch
logo
IXYS Corporation
TS122 IXYS-TS122 Datasheet
140Kb / 8P
   Multifunction Telecom Switch
logo
Clare, Inc.
TS118 CLARE-TS118 Datasheet
120Kb / 8P
   Multifunction Telecom Switch
TS190 CLARE-TS190 Datasheet
448Kb / 8P
   Multifunction Telecom Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com