Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2399DGKR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2399DGKR
Description  -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2399DGKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2399DGKR Datasheet HTML 4Page - Texas Instruments TPS2399DGKR Datasheet HTML 5Page - Texas Instruments TPS2399DGKR Datasheet HTML 6Page - Texas Instruments TPS2399DGKR Datasheet HTML 7Page - Texas Instruments TPS2399DGKR Datasheet HTML 8Page - Texas Instruments TPS2399DGKR Datasheet HTML 9Page - Texas Instruments TPS2399DGKR Datasheet HTML 10Page - Texas Instruments TPS2399DGKR Datasheet HTML 11Page - Texas Instruments TPS2399DGKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPS2398
TPS2399
SLUS562A − JUNE 2003 − REVISED SEPTEMBER 2003
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 9
RECOVERY FROM A FAULT − EXPANDED VIEW
(TPS2399)
ILOAD (1 A/div)
VDRAIN (20 V/div)
FLTTIME (2 V/div.)
CIRAMP = 3900 pF
CFLT = 0.047 µF
CLOAD = 100 µF
PG (50 V/div)
t − TIme − 1 ms/div
Figure 10
PG OUTPUT TIMING,
VOLTAGE QUALIFIED
CIRAMP = 3900 pF
CFLT = 0.1 µF
CLOAD = 150 µF
VIRAMP (2 V/div)
VDRAIN (20 V/div)
PG (50 V/div)
t − TIme − 1 ms/div
Figure 11
PG OUTPUT TIMING,
CURRENT QUALIFIED
t − TIme − 1 ms/div
CIRAMP = 0.01 µF
CFLT = 0.1 µF
CLOAD = 50 µF
VIRAMP (2 V/div)
VDRAIN (20 V/div)
PG (50 V/div)
VTH_PG
Figure 12
SUPPLY CURRENT
vs
AMBIENT TEMPERATURE
−40
−15
10
35
60
85
0
200
400
600
800
1000
1200
TA − Ambient Temperature − °C
VRTN = 48 V
VRTN = 36 V
VRTN = 80 V


Similar Part No. - TPS2399DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2399DGKR TI-TPS2399DGKR Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
More results

Similar Description - TPS2399DGKR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Analog Devices
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE Datasheet
704Kb / 2P
   Hot-swap redundant power supply supported
logo
Technology Dynamics Inc...
NTDM-HS-12-250 TECHNOLOGY-NTDM-HS-12-250 Datasheet
185Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
NTDM-4HS-12-500 TECHNOLOGY-NTDM-4HS-12-500 Datasheet
180Kb / 2P
   N1 REDUNDANT HOT SWAP POWER SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com