Electronic Components Datasheet Search |
|
T520A476M2R5A1E090 Datasheet(PDF) 9 Page - Kemet Corporation |
|
T520A476M2R5A1E090 Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 24 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2015_T520 • 12/4/2013 99 KEMET Organic Capacitor (KO-CAP) – T520 Series Polymer Tantalum (1) Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H). Also available on large (13 inch) reels. Add 7280 to the end of the part number. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating. Substitutions can include better than series. Blue color text denotes "Under Development" Bold text denotes black epoxy product Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Moisture Sensitivity Rated Temp VDC µF KEMET/EIA (See below for part options) µA @ 20°C Maximum/5 Minutes % @ 20°C 120 Hz Maximum mΩ @ 20°C 100 kHz Maximum (mA) 45°C 100 kHz Temperature ≤ 260ºC (ºC) 6.3 22 T/3528-12 T520T226M006A(1)E100 14 8 100 1000 3 105 6.3 33 A/3216-18 T520A336M006A(1)E070 21 8 70 1300 3 105 6.3 33 A/3216-18 T520A336M006A(1)E080 21 8 80 1200 3 105 6.3 33 A/3216-18 T520A336M006A(1)E120 21 8 120 1000 3 105 6.3 33 T/3528-12 T520T336M006A(1)E070 21 8 70 1200 3 105 6.3 33 B/3528-21 T520B336M006A(1)E025 21 8 25 2300 3 105 6.3 33 B/3528-21 T520B336M006A(1)E035 21 8 35 1900 3 105 6.3 33 B/3528-21 T520B336M006A(1)E040 21 8 40 1800 3 105 6.3 33 B/3528-21 T520B336M006A(1)E070 21 8 70 1300 3 105 6.3 33 C/6032-28 T520C336M006A(1)E100 21 8 100 1300 3 105 6.3 47 A/3216-18 T520A476M006A(1)E150 30 8 150 900 3 105 6.3 47 T/3528-12 T520T476M006A(1)E040 30 8 40 1600 3 105 6.3 47 T/3528-12 T520T476M006A(1)E070 30 8 70 1200 3 105 6.3 47 B/3528-21 T520B476M006A(1)E025 30 8 25 2300 3 105 6.3 47 B/3528-21 T520B476M006A(1)E035 30 8 35 1900 3 105 6.3 47 B/3528-21 T520B476M006A(1)E040 30 8 40 1800 3 105 6.3 47 B/3528-21 T520B476M006A(1)E070 30 8 70 1300 3 105 6.3 68 A/3216-18 T520A686M006A(1)E150 43 8 150 900 3 105 6.3 68 T/3528-12 T520T686M006A(1)E070 43 8 70 1200 3 105 6.3 68 T/3528-12 T520T686M006A(1)E150 43 8 150 800 3 105 6.3 68 B/3528-21 T520B686M006A(1)E025 43 8 25 2300 3 105 6.3 68 B/3528-21 T520B686M006A(1)E035 43 8 35 1900 3 105 6.3 68 B/3528-21 T520B686M006A(1)E040 43 8 40 1800 3 105 6.3 68 B/3528-21 T520B686M006A(1)E070 43 8 70 1300 3 105 6.3 68 U/6032-15 T520U686M006A(1)E055 43 8 55 1600 3 105 6.3 68 U/6032-15 T520U686M006A(1)E070 43 8 70 1400 3 105 6.3 68 C/6032-28 T520C686M006A(1)E100 43 8 100 1300 3 105 6.3 100 A/3216-18 T520A107M006ATE070 63 8 70 1035 3 105 6.3 100 T/3528-12 T520T107M006A(1)E070 63 8 70 1200 3 105 6.3 100 B/3528-21 T520B107M006A(1)E015 63 8 15 2900 3 105 6.3 100 B/3528-21 T520B107M006A(1)E018 63 8 18 2700 3 105 6.3 100 B/3528-21 T520B107M006A(1)E025 63 8 25 2300 3 105 6.3 100 B/3528-21 T520B107M006A(1)E035 63 8 35 1900 3 105 6.3 100 B/3528-21 T520B107M006A(1)E040 63 8 40 1800 3 105 6.3 100 B/3528-21 T520B107M006A(1)E045 63 8 45 1700 3 105 6.3 100 B/3528-21 T520B107M006A(1)E070 63 8 70 1300 3 105 6.3 100 U/6032-15 T520U107M006A(1)E055 63 8 55 1600 3 105 6.3 100 W/7343-15 T520W107M006A(1)E040 63 10 40 2100 3 105 6.3 100 V/7343-19 T520V107M006A(1)E009 63 10 9 4600 3 105 6.3 100 V/7343-19 T520V107M006A(1)E012 63 10 12 3900 3 105 6.3 100 V/7343-19 T520V107M006A(1)E015 63 10 15 3500 3 105 6.3 100 V/7343-19 T520V107M006A(1)E045 63 10 45 2000 3 105 6.3 100 C/6032-28 T520C107M006A(1)E025 63 8 25 2600 3 105 6.3 100 C/6032-28 T520C107M006A(1)E045 63 8 45 1900 3 105 6.3 120 B/3528-21 T520B127M006A(1)E035 76 8 35 1900 3 105 6.3 150 M/3528-15 T520M157M006A(1)E070 95 8 70 1300 3 105 6.3 150 M/3528-15 T520M157M006A(1)E150 95 8 150 900 3 105 6.3 150 M/3528-15 T520M157M006A(1)E200 95 8 200 800 3 105 6.3 150 B/3528-21 T520B157M006A(1)E025 95 8 25 2300 3 105 VDC µF KEMET/EIA (See below for part options) µA @ 20°C Maximum/5 Minutes % @ 20°C 120 Hz Maximum mΩ @ 20°C 100 kHz Maximum (mA) 45°C 100 kHz Temperature ≤ 260ºC (ºC) Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Moisture Sensitivity Rated Temp Table 1 – Ratings & Part Number Reference cont'd Roll Over for Order Info. T 520 V 157 M 006 A T E045 Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance Voltage Failure Rate/ Design Lead Material ESR Code Packaging (C-Spec) T = Tantalum 520 = Polymer A, B, C, D, H, L, M, Q, T, U, V, W, X, Y First two digits represent significant figures.Thirddigit specifiesnumber of zeros. M = ±20% 2R5 = 2.5 V 003 = 3 V 004 = 4 V 006 = 6.3 V 008 = 8 V 010 = 10 V 011 = 11 V 12R = 12.5 V 016 = 16 V 020 = 20 V 025 = 25 V A = N/A T = 100% Matte Tin (Sn) Plated H = Tin/Lead (SnPb) Solder Coated (5% Pb minimum) E = ESR Last three digits specify ESR in mΩ.(045=45 mΩ) Blank = 7" Reel 7280 = 13" Reel |
Similar Part No. - T520A476M2R5A1E090 |
|
Similar Description - T520A476M2R5A1E090 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |