Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E4001 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part No. E4001
Description  LAN ISOLATION TRANSFORMER CATALOG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

E4001 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  E4001 Datasheet HTML 1Page - Pulse A Technitrol Company E4001 Datasheet HTML 2Page - Pulse A Technitrol Company E4001 Datasheet HTML 3Page - Pulse A Technitrol Company E4001 Datasheet HTML 4Page - Pulse A Technitrol Company E4001 Datasheet HTML 5Page - Pulse A Technitrol Company E4001 Datasheet HTML 6Page - Pulse A Technitrol Company E4001 Datasheet HTML 7Page - Pulse A Technitrol Company E4001 Datasheet HTML 8Page - Pulse A Technitrol Company E4001 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.pulseeng.com
4
EC100.M (5/09)
Typical Application Circuit
+5 V
+ 12 V
TXLED
RXLED
COLLED
POLLED
LNKLED
TXU+
TXS+
TXS-
TXU-
RXI+
RXI-
Req
Rlx
CD+
CD-
RX+
RX-
TX+
TX-
TD+
TD-
RD+
RD-
+5 V
R1 R2
R3
R4
R5
R6
R7
R8
R9
R13
R10
49.9
R11
49.9
C1
0.01 µF
C2
0.01 µF
C5
0.01
µF
R12
1:1
PE-65728
PE-68023
1:2
LED
INDICATORS
TPI
R J-45
AUI
D B15
+12 V
CD+
CD-
RX+
RX-
TX+
TX-
GND
R16
39.2
R17
39.2
R18
39.2
R19
39.2
C4
0.01 µF
C3
0.01 µF
DP83907
NOTE 2
1:1
NOTE 3
NOTE 1
NOTES:
1. Connections at pins 12 and 13 apply to PE-68023 only. These are test points. Do not ground.
2. For specific information, see pages 2 and 3 in this catalog.
3. For specific connection, refer to National’s Application Notes.
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
ISOLATION TRANSFORMERS


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn