Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0179NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0179NL
Description  SMT POWER INDUCTORS Toroid - Polecat Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0179NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0179NL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
72
SPM2007 (11/07)
SMT POWER INDUCTORS
Toroid - Polecat Series
1
2
3
4
4X
.060
1,52
4X
.175
4,45
Suggested Pad Layout
.500 MAX
12,70
.215 MAX
5,46
.410
10,41
.330
8,38
.410
10,41
R
.500 MAX
12,70
P01XX
Date Code
Country of Origin
.005/0,13
4 SURFACES
.330
8,38
4
1
2
3
Mechanical
Schematic
Inductance
Inductance
100 Gauss
1 Amp DC
Part
9,10
@ Irated
Irated
DCR (MAX)
ET
@0ADC
ET100
H1
Connection
Number
(µH MIN)
(A)
(m
Ω)
(V-µsec)
(µH ±10%)
(V-µsec)
(Orsted)
P0174NL
2.0
8.30
7.6
7.31
2.2
1.20
5.43
Parallel
P0175NL
2.4
7.20
10.9
7.81
2.6
1.33
5.97
Parallel
P0176NL
5.0
5.20
19.0
11.72
5.5
1.93
8.69
Parallel
P0174NL
7.0
4.16
32.0
14.61
8.75
2.41
10.86
Series
P0177NL
9.3
3.80
29.8
16.12
10.4
2.65
11.95
Parallel
P0175NL
8.4
3.78
43.6
15.62
10.4
2.65
11.95
Series
P0178NL
14.1
3.10
45.3
19.73
15.7
3.25
14.66
Parallel
P0179NL
19.8
2.60
66.3
23.45
22.1
3.86
17.38
Parallel
P0176NL
17.9
2.60
76.0
23.43
22.45
3.86
17.38
Series
P0180NL
29.3
2.20
106
28.50
32.8
4.70
21.18
Parallel
P0177NL
33.8
1.89
120
32.25
41.7
5.30
23.89
Series
P0181NL
42.6
1.80
151
34.49
47.6
5.66
25.52
Parallel
P0178NL
50.9
1.54
182
39.46
62.8
6.51
29.32
Series
P0182NL
61.3
1.50
224
40.85
67.5
6.75
30.41
Parallel
P0179NL
71.5
1.30
266
46.90
88.2
7.71
34.75
Series
P0183NL
84.2
1.20
324
46.22
91.0
7.83
35.30
Parallel
P0180NL
106.1
1.07
404
57.00
131.0
9.40
42.36
Series
P0181NL
154.2
0.89
604
68.99
190.3
11.33
51.05
Series
P0182NL
218.9
0.74
888
81.70
270.2
13.50
60.82
Series
P0183NL
295.0
0.64
1272
92.43
364.0
15.66
70.59
Series
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C 11
NOTES:
1. Temperature rise is 50°C in typical buck or boost circuits at 250kHz and with the
reference ET applied to the inductor.
2. Total loss in the inductor is 380mW for a 50°C temperature rise above ambient.
3. To estimate temperature rise in a given application, determine copper and core
losses, divide by 380 and multiply by 50.
4. For the copper loss (mW), calculate IDC2 X RN.
5. For core loss (mW), using frequency (f in Hertz) and operating flux density (B in
Gauss), calculate 6.11 x 10-18 x B2.7 x f2.04.
6. For flux density (B in Gauss), calculate ET (V-µsec) for the application, divide by
ET100 from the table, and multiply by 100.
7. Limit the DC bias (H) to 46 orsteds. Calculate H by multiplying H1 from the table
by IDC of the application.
8. The maximum DCR listed is approximately 17% over the nominal DCR.
9. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to
the part number (i.e. P0174NL becomes P0174NLT). Pulse complies to industry
standard tape and reel specification EIA481.
10. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are
not necessarily RoHS compliant, but are electrically and mechanically equivalent to
NL versions. If a part number does not have the "NL" suffix, but an RoHS compliant
version is required, please contact Pulse for availability.
11. The temperature of the component (ambient plus temperature rise) must be within
the stated operating temperature range.
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . 1.5 grams
Tape & Reel . . . . . . 500/reel
Tube . . . . . . . . . . . .
35/tube
Height: 5.5mm Max
Footprint: 12.7mm x 12.7mm Max
Current Rating: up to 8.3A
Inductance Range: 2.0µH to 364µH
1:1 ±2%


Similar Part No. - P0179NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0179NL PULSE-P0179NL Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0179NL PULSE-P0179NL Datasheet
124Kb / 2P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0179NL PULSE-P0179NL Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0179NL PULSE-P0179NL Datasheet
107Kb / 1P
   SMT POWER INDUCTORS
P0179NL PULSE-P0179NL Datasheet
124Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - P0179NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0179NLT PULSE-P0179NLT Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
SPM2007 PULSE-SPM2007_42 Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0179 PULSE-P0179 Datasheet
124Kb / 2P
   SMT POWER INDUCTORS Toroid - Polecat Series
P0174NL PULSE-P0174NL Datasheet
107Kb / 1P
   Toroid - Polecat Series
SPM2007 PULSE-SPM2007_44 Datasheet
181Kb / 2P
   SMT POWER INDUCTORS Toroid - SLIC Series
P0402 PULSE-P0402 Datasheet
114Kb / 1P
   SMT POWER INDUCTORS Toroid - Tomcat Series
P0149 PULSE-P0149 Datasheet
163Kb / 1P
   SMT POWER INDUCTORS Toroid - Bobcat Series
P0400 PULSE-P0400 Datasheet
133Kb / 2P
   SMT POWER INDUCTORS Toroid - Tomcat Series
P0147NL PULSE-P0147NL Datasheet
163Kb / 1P
   SMT POWER INDUCTORS Toroid - Bobcat Series
PA0040NL PULSE-PA0040NL Datasheet
73Kb / 1P
   SMT POWER INDUCTORS Shielded Toroid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com