Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT692BQTA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FZT692BQTA
Description  70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT692BQTA Datasheet(HTML) 4 Page - Diodes Incorporated

  FZT692BQTA Datasheet HTML 1Page - Diodes Incorporated FZT692BQTA Datasheet HTML 2Page - Diodes Incorporated FZT692BQTA Datasheet HTML 3Page - Diodes Incorporated FZT692BQTA Datasheet HTML 4Page - Diodes Incorporated FZT692BQTA Datasheet HTML 5Page - Diodes Incorporated FZT692BQTA Datasheet HTML 6Page - Diodes Incorporated FZT692BQTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT692B
Document number: DS33157 Rev. 4 - 2
4 of 7
www.diodes.com
December 2013
© Diodes Incorporated
FZT692B
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
70
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
70
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
V
IE = 100µA
Collector-Base Cutoff Current
ICBO
100
nA
VCB = 55V
Collector-Emitter Cutoff Current
ICES
100
nA
VCE = 55V
Emitter Cutoff Current
IEBO
100
nA
VEB = 5.6V
DC Current Gain (Note 10)
hFE
500
400
150
IC = 100mA, VCE = 2V
IC = 500mA, VCE = 2V
IC = 1A, VCE = 2V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
0.15
0.5
0.5
V
IC = 0.1A, IB = 0.5mA
IC = 1A, IB = 10mA
IC = 2A, IB = 200mA
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
0.9
V
IC = 1A, IB = 10mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)
0.9
V
IC = 1A, VCE = 2V
Input Capacitance
Cibo
200
pF
VEB = 0.5V, f = 1MHz
Output Capacitance
Cobo
12
pF
VCB = 10V, f = 1MHz
Current Gain-Bandwidth Product
fT
150
MHz
VCE = 5V, IC = 50mA, f=50MHz
Turn-On Time
ton
46
ns
VCC = 10V, IC = 500mA
IB1 = -IB2 = 50mA
Turn-Off Time
toff
1440
ns
Note:10. Measured under pulsed conditions. Pulse width ≤ 300 µs. Duty cycle ≤ 2%.


Similar Part No. - FZT692BQTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT692BQTA DIODES-FZT692BQTA Datasheet
865Kb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
February 2022 Rev. 1 - 2
More results

Similar Description - FZT692BQTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT692BQ DIODES-FZT692BQ Datasheet
865Kb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
February 2022 Rev. 1 - 2
FZT692B DIODES-FZT692B_15 Datasheet
916Kb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT792A DIODES-FZT792A_15 Datasheet
682Kb / 7P
   70V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1051 DIODES-FZT1051 Datasheet
817Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
   20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT696B DIODES-FZT696B_15 Datasheet
801Kb / 7P
   180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1048A DIODES-FZT1048A_15 Datasheet
506Kb / 7P
   17.5V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
FZT1051ATA DIODES-FZT1051ATA Datasheet
901Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com