Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYP1004DN Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FYP1004DN
Description  Low forward voltage drop
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FYP1004DN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FYP1004DN Datasheet HTML 1Page - Fairchild Semiconductor FYP1004DN Datasheet HTML 2Page - Fairchild Semiconductor FYP1004DN Datasheet HTML 3Page - Fairchild Semiconductor FYP1004DN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, March 2001
Typical Characteristics
Figure 1. Typical Forward Voltage Characteristics
(per diode)
Figure 3. Typical Junction Capacitance
(per diode)
Figure 5. Forward Current Derating Curve
Figure 2. Typical Reverse Current
vs. Reverse Voltage (per diode)
Figure 4. Thermal Impedance Characteristics
(per diode)
Figure 6. Non-Repetive Sureg Current
(per diode)
0.01
0.1
1
10
0.0
0.5
1.0
1.5
TJ=125
o
C
TJ=75
o
C
TJ=25
oC
Forward Voltage Drop, VF[V]
0
10203040
80
90
100
200
300
400
500
600
700
TJ=25
o
C
Reverse Voltage, VR[V]
0
20406080
100
120
140
160
0
2
4
6
8
10
12
Square Wave
Duty Cycle=0.5
Case Temperature, TC[
o
C]
0
1020
3040
0.001
0.01
0.1
1
10
100
TJ=150
o
C
TJ=125
o
C
TJ=75
o
C
TJ=25
o
C
Reverse Voltage, VR[V]
100µ
1m
10m
100m
1
10
1
10
Pulse Duration [s]
1
10
100
0
20
40
60
80
100
Number of Cycles @ 60Hz


Similar Part No. - FYP1004DN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FYP1004DN FAIRCHILD-FYP1004DN Datasheet
45Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - FYP1004DN

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com