Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PLA190 Datasheet(PDF) 1 Page - Clare, Inc.

Part No. PLA190
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

PLA190 Datasheet(HTML) 1 Page - Clare, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
PLA190
DS-PLA190-R1
The PLA190 is a 1-Form-A solid state relay that uses opti-
cally coupled relay technology to provide an enhanced
5000V isolation barrier between the input and output of the
relay. The efficient MOSFET switches use Clares patented
OptoMOS architecture. The optically coupled input is con-
trolled by a highly efficient GaAIAs infrared LED.
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hookswitch
Dial Pulsing
Ground Start
Ringer Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Approved to UL1577
CSA Certified
Complies with EN60950
5000VRMS Input/Output Isolation
Small 6 Pin DIP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Applications
Features
Description
Approvals
Single Pole OptoMOS® Relay
Ordering Information
Part #
Description
PLA190
6 Pin Dip (50/Tube)
PLA190S
6 Pin Surface Mount (50/Tube)
PLA190STR
6 Pin Surface Mount (1000/Reel)
PLA190
Units
Load Voltage
400
V
Load Current
150
mA
Max R
ON
22
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
3
2
4
5
6
+ Control
Ð Control
NC
Load
Do Not Use
Load
AC/DC Configuration
PLA190 Pinout
1
3
2
4
5
6
+ Control
Ð Control
NC
+ Load
Ð Load
DC Only Configuration
PLA190 Pinout


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LCA120Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA150Single Pole OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA120LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA160Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
LCA125LSingle Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
OMA160Single Pole OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLA193Single Pole OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127SINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.
PLB150SINGLE POLE OptoMOS Relay 1 2 3 4 Clare, Inc.
LCA127LSINGLE POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn