Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWR-52000-D24E-C Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # UWR-52000-D24E-C
Description  Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWR-52000-D24E-C Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  UWR-52000-D24E-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UWR-52000-D24E-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWR-52000-D24E-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWR-52000-D24E-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWR-52000-D24E-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWR-52000-D24E-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HALT Testing
The goal of the accelerated-stress techniques used by DATEL is to force
device maturity, in a short period of time, by exposing devices to excessive
levels of "every stimulus of potential value." We use HALT (Highly Acceler-
ated Life Testing) repeatedly during the design and early manufacturing
phases to detect potential electrical and mechanical design weaknesses
that could result in possible future field failures.
During HALT, prototype and pre-production DC/DC converters are sub-
jected to progressively higher stress levels induced by thermal cycling,
rate of temperature change, vibration, power cycling, product-specific
stresses (such as dc voltage variation) and combined environments. The
stresses are not meant to simulate field environments but to expose any
weaknesses in a product’s electro/mechanical design and/or assembly
processes. The goal of HALT is to make products fail so that device weak-
nesses can be analyzed and strengthened as appropriate. Applied stresses
are continually stepped up until products eventually fail. After corrective
actions and/or design changes, stresses are stepped up again and the cycle
is repeated until the "fundamental limit of the technology" is determined.
DATEL has invested in a Qualmark OVS-1 HALT tester capable of applying
voltage and temperature extremes as well as 6-axis, linear and rotational,
random vibration. A typical HALT profile (shown above) consists of thermal
cycling (–55 to +125°C, 30°C/minute) and simultaneous, gradually increas-
ing, random longitudinal and rotational vibration up to 20G’s with load
cycling and applied-voltage extremes added as desired. Many devices in
DATEL’s new A-Series could not be made to fail prior to reaching either the
limits of the HALT chamber or some previously known physical limit of the
device.
We also use the HALT chamber and its ability to rapidly cool devices to
verify their "cold-start" capabilities.
Qualification
For each new product, electrical performance is verified via a comprehen-
sive characterization process and long-term reliability is confirmed via a
rigorous qualification procedure. The qual procedure includes such strenu-
ous tests as thermal shock and 500 hour life. Qual testing is summarized
below.
In-Line Process Controls and Screening
A combination of statistical sampling and 100% inspection techniques
keeps our assembly line under constant control. Parameters such as
solder-paste thickness, component placement, cleanliness, etc. are statisti-
cally sampled, charted and fine tuned as necessary. Visual inspections are
performed by trained operators after pick-and-place, soldering and cleaning
operations. Units are 100% electrically tested prior to potting. All devices
are temperature cycled, burned-in, hi-pot tested and final-electrical tested
prior to external visual examination, packing and shipping.
Rapid Response to Problems
DATEL employs an outstanding corrective-action system to immediately
address any detected shortcomings in either products or processes. When-
ever our assembly, quality or engineering personnel spot a product/process
problem, or if a product is returned with a potential defect, we immediately
perform a detailed failure analysis and, if necessary, undertake corrective
actions. Over time, this system has helped refine our assembly operation to
yield one of the lowest product defect rates in the industry.
Typical HALT Profile
Qualification Test
Method/Comments
HALT
DATEL in-house procedure
High Temperature Storage
Max. rated temp., 1,000 hours
Thermal Shock
10 cycles, –55 to +125°C
Temperature/Humidity
+85°C, 85% humidity, 48 hours
Lead Integrity
DATEL in-house procedure
Life Test
+70°C, 500 hours*
Marking Permanency
DATEL in-house procedure
End Point Electrical Tests
Per product specification
Qualification Testing
* Interim electrical test at 200 hours.
10
20
30
40
50
60
70
80
90
40
20
0
Test Time (minutes)
100
80
60
40
20
0
–20
–40
UWR Series
Single Output, High Reliability, 2" x 1", 6-10 Watt, DC-DC Converters
MDC_UWR6-10W Series.D02 Page 6 of 6
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2013 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/


Similar Part No. - UWR-52000-D24E-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UWR-5-3000-D48A-C MURATA-UWR-5-3000-D48A-C Datasheet
271Kb / 12P
   Single Output, High-Density, 6 Amp/15 Watt DC/DC Converters
UWR-5.2/3000-D5A MURATA-UWR-5.2/3000-D5A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/3000-D5A MURATA-UWR-5/3000-D5A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/4000-D12A MURATA-UWR-5/4000-D12A Datasheet
192Kb / 6P
   Single Output, High Reliability
UWR-5/4000-D48A MURATA-UWR-5/4000-D48A Datasheet
192Kb / 6P
   Single Output, High Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com